Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C21 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # Z86C21
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C21 Datasheet(HTML) 1 Page - Zilog, Inc.

  Z86C21 Datasheet HTML 1Page - Zilog, Inc. Z86C21 Datasheet HTML 2Page - Zilog, Inc. Z86C21 Datasheet HTML 3Page - Zilog, Inc. Z86C21 Datasheet HTML 4Page - Zilog, Inc. Z86C21 Datasheet HTML 5Page - Zilog, Inc. Z86C21 Datasheet HTML 6Page - Zilog, Inc. Z86C21 Datasheet HTML 7Page - Zilog, Inc. Z86C21 Datasheet HTML 8Page - Zilog, Inc. Z86C21 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
Z86C21 MCU
WITH
8K ROM
PRODUCT S PECIFICA TION
s
8-Bit CMOS MCU with 8 Kbytes of ROM
s
256 Byte Register File
- 236 Bytes of General-Purpose RAM
- 16 Bytes Control/Status Registers
- 4 Bytes for Ports
s
40-Pin DIP, 44-Pin PLCC or 44-Pin QFP Package
s
4.5V to 5.5V Operating Range
s
Low Power Consumption: 220 mW (max) @ 16 MHz
s
Fast instruction pointer: 1.0
µs @ 12 MHz
s
Two Standby Modes: STOP and HALT
s
32 Input/Output Lines
FEATURES
Z86C21
8K ROM Z8® CMOS
MICROCONTROLLER
s
Full-Duplex UART
s
All Digital Inputs are TTL Levels
s
Auto Latches
s
RAM and ROM Protect
s
Two Programmable 8-Bit Counter/Timers each with
6-Bit Programmable Prescaler.
s
Six Vectored, Priority Interrupts from Eight Different
Sources
s
Clock Speeds: 12 and 16 MHz
s
On-Chip Oscillator that Accepts a Crystal, Ceramic
Resonator, LC, or External Clock Drive.
GENERAL DESCRIPTION
The Z86C21 microcontroller is a member of the Z8 single-
chip microcontroller family with 8 Kbytes of ROM and
236 bytes of RAM. The device is packaged in a 40-pin DIP,
44-pin PLCC, or a 44-pin QFP with a ROMless pin option
available on the 44-pin versions only. With the ROM/
ROMless feature selectively, the Z86C21 offers both exter-
nal memory and preprogrammed ROM, making it well-
suited for high-volume applications or where code flexibil-
ity is required.
Zilog’s CMOS microcontroller offers fast execution, effi-
cient use of memory, sophisticated interrupts, input/output
bit manipulation capabilities, and easy hardware/software
system expansion along with low cost and low power
consumption.
The Z86C21 architecture is characterized by Zilog’s 8-bit
microcontroller core. The device offers a flexible I/O
scheme, an efficient register and address space structure,
multiplexed capabilities between address/data, I/O, and a
number of ancillary features that are useful in many indus-
trial and advanced scientific applications.
For applications demanding powerful I/O capabilities, the
Z86C21 provides 32 pins dedicated to input and output.
These lines are grouped into four ports. Each port consists
of eight lines, and is configurable under software control to
provide timing, status signals, serial or parallel
I/O with or without handshake, and an address/data bus
for interfacing external memory. There are three basic
address spaces available to support this configuration:
Program Memory, Data Memory, and 236 general-pur-
pose registers.


Similar Part No. - Z86C21

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
CMOS Z8 MICROCONTROLLER
Z86C28 ZILOG-Z86C28 Datasheet
403Kb / 13P
CMOS 8-Bit Low-Cost 4K-ROM Microcontrollers
More results

Similar Description - Z86C21

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C27 ZILOG-Z86C27 Datasheet
125Kb / 9P
CMOS Z8 MICROCONTROLLER
Z86233 ZILOG-Z86233 Datasheet
122Kb / 18P
CMOS Z8 8K ROM CONSUMER CONTROLLER PROCESSOR
Z86C96 ZILOG-Z86C96 Datasheet
124Kb / 11P
CMOS Z8 MICROCONTROLLER
Z86C47 ZILOG-Z86C47 Datasheet
106Kb / 8P
CMOS Z8 MICROCONTROLLER
Z86C61 ZILOG-Z86C61 Datasheet
388Kb / 46P
CMOS Z8 MICROCONTROLLER
Z86C63 ZILOG-Z86C63 Datasheet
143Kb / 17P
CMOS Z8 32K ROM MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
CMOS Z8 OTP MICROCONTROLLER
Z86E47 ZILOG-Z86E47 Datasheet
111Kb / 8P
CMOS Z8 8BIT MICROCONTROLLER
Z86C11 ZILOG-Z86C11 Datasheet
658Kb / 21P
CMOS Z8 Microcontroller
Z86C66 ZILOG-Z86C66 Datasheet
279Kb / 10P
CMOS Z8 16K ROM Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com