Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C21 Datasheet(PDF) 19 Page - Zilog, Inc.

Part # Z86C21
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C21 Datasheet(HTML) 19 Page - Zilog, Inc.

Back Button Z86C21 Datasheet HTML 15Page - Zilog, Inc. Z86C21 Datasheet HTML 16Page - Zilog, Inc. Z86C21 Datasheet HTML 17Page - Zilog, Inc. Z86C21 Datasheet HTML 18Page - Zilog, Inc. Z86C21 Datasheet HTML 19Page - Zilog, Inc. Z86C21 Datasheet HTML 20Page - Zilog, Inc. Z86C21 Datasheet HTML 21Page - Zilog, Inc. Z86C21 Datasheet HTML 22Page - Zilog, Inc. Z86C21 Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19
Z86C21 MCU
WITH
8K ROM
DC CHARACTERISTICS
T
A = 0°C
T
A = –40°C
to +70
°C
to +105
°C
Typical
Sym Parameter
Min
Max
Min
Max
@ 25
°C Units Conditions
Max Input Voltage
7
7
V
I
IN < 250 µA
V
CH
Clock Input High Voltage
3.8
V
CC +0.3
3.8
V
CC+0.3
V
Driven by External Clock Generator
V
CL
Clock Input Low Voltage
–0.3
0.8
–0.3
0.8
V
Driven by External Clock Generator
V
IH
Input High Voltage
2
V
CC +0.3
2.0
V
CC +0.3
V
V
IL
Input Low Voltage
–0.3
0.8
–0.3
0.8
V
V
OH
Output High Voltage
2.4
2.4
V
I
OH = –2.0 mA
V
OH
Output High Voltage
V
CC –100 mV
V
CC –100 mV
V
I
OH = –100 µA
V
OL
Output Low Voltage
0.4
0.4
V
I
OL = +5.0 mA
V
RH
Reset Input High Voltage
3.8
V
CC+0.3
3.8
V
CC +0.3
V
V
Rl
Reset Input Low Voltage
–0.3
0.8
–0.3
0.8
V
I
IL
Input Leakage
–2
2
–2
2
µAV
IN = 0V, VCC
I
OL
Output Leakage
–2
2
–2
2
µAV
IN = 0V, VCC
I
IR
Reset Input Current
–80
–80
µAV
RL = 0V
I
CC
Supply Current
30
30
20
mA
[1] @ 12 MHz
35
35
24
mA
[1] @ 16 MHz
I
CC1
Standby Current
6.5
6.5
4
mA
[1] HALT mode V
IN = OV, VCC@ 12 MHz
7
7
4.5
mA
[1] HALT mode V
IN = OV, VCC@ 16 MHz
I
CC2
Standby Current
10
20
1
µA
[1] STOP mode V
IN = OV, VCC
I
ALL
Auto Latch Low Current
–10
10
–14
14
5
µA
Note:
[1] All inputs driven to either 0V or V
CC, outputs floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com