Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C21 Datasheet(PDF) 24 Page - Zilog, Inc.

Part # Z86C21
Description  8K ROM Z8 CMOS MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C21 Datasheet(HTML) 24 Page - Zilog, Inc.

Back Button Z86C21 Datasheet HTML 20Page - Zilog, Inc. Z86C21 Datasheet HTML 21Page - Zilog, Inc. Z86C21 Datasheet HTML 22Page - Zilog, Inc. Z86C21 Datasheet HTML 23Page - Zilog, Inc. Z86C21 Datasheet HTML 24Page - Zilog, Inc. Z86C21 Datasheet HTML 25Page - Zilog, Inc. Z86C21 Datasheet HTML 26Page - Zilog, Inc. Z86C21 Datasheet HTML 27Page - Zilog, Inc. Z86C21 Datasheet HTML 28Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
\24
Z86C21 MCU
WITH
8K ROM
D7
D6
D5
D4
D3
D2
D1
D0
Serial Data (D0 = LSB)
R240 SIO
D7
D6
D5
D4
D3
D2
D1
D0
Count Mode
0
T1 Single Pass
1
T1 Modulo N
Clock Source
1
T1 Internal
0
T1 External Timing Input
(TIN) Mode
Prescaler Modulo
(Range: 1-64 Decimal
01-00 HEX)
R243 PRE1
Z8 CONTROL REGISTER DIAGRAMS
D7
D6
D5
D4
D3
D2
D1
D0
0
Disable T0 Count
1
Enable T0 Count
0
No Function
1
Load T0
0
No Function
1
Load T1
0
Disable T1 Count
1
Enable T1 Count
TIN Modes
00
External Clock Input
01
Gate Input
10
Trigger Input
(Non-retriggerable)
11
Trigger Input
(Retriggerable)
TOUT Modes
00
Not Used
01
T0 Out
10
T1 Out
11
Internal Clock Out
R241 TMR
D7
D6
D5
D4
D3
D2
D1
D0
T1 Initial Value
(When Written)
(Range: 1-256 Decimal
01-00 HEX)
T1 Current Value
(When Read)
R242 T1
D7
D6
D5
D4
D3
D2
D1
D0
T0 Initial Value
(When Written)
(Range: 1-256 Decimal
01-00 HEX)
T0 Current Value
(When Read)
R244 T0
0
T0 Single Pass
1
T0 Modulo N
D7
D6
D5
D4
D3
D2
D1
D0
Count Mode
Reserved (Must be 0)
Prescaler Modulo
(Range: 1-64 Decimal
01-00 HEX)
R245 PRE0
Figure 23. Serial I/O Register
(F0
H: Read/Write)
Figure 26. Prescaler 1 Register
(F3
H: Write Only)
Figure 28. Prescaler 0 Register
(F5
H: Write Only)
Figure 24. Timer Mode Register
(F1
H: Read/Write)
Figure 25. Counter/Timer 1 Register
(F2
H: Read/Write)
Figure 27. Counter/Timer 0 Register
(F4
H: Read/Write)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com