| Electronic Components Datasheet Search |
|
Z86L71 Datasheet(PDF) 16 Page - Zilog, Inc. |
|
|
|||||||||||||||||||||||||||||
Z86L71 Datasheet(HTML) 16 Page - Zilog, Inc. |
|
16 / 61 page ![]() Z86L70/71/75/C71 IR/Low-Voltage Microcontroller Zilog 1-16 P R E L I M I N A R Y DS97LVO0500 PIN FUNCTIONS (Continued) Port 3 (P36-P31). Port 3 is a 6-bit, CMOS-compatible three fixed input and three fixed output port. Port 3 consists of three fixed input (P33-P31) and three fixed output (P36- P34), and can be configured under software control for In- put/Output, Interrupt, and output from the counter/timers. P31, P32, and P33 are standard CMOS inputs; outputs are push-pull, except for P34, P35 which have floating drain capability (controlled by P3M, D0). Two on-board comparators process analog signals on P31 and P32 with reference to the voltage on P33. The analog function is enabled by programming the Port 3 Mode Reg- ister (bit 1). P31 and P32 are programmable as rising, fall- ing, or both edge triggered interrupts (IRQ register bits 6 and 7). Pref1 and P33 are the comparator reference volt- age inputs. Access to the Counter Timer edge detection circuit is through P31 or P20 (see CTR1 description). Port 3 provides the following control functions: three exter- nal interrupt request signals (IRQ2-IRQ0). Port 3 also provides output for each of the counter/timers and the AND/OR Logic. Control is performed by program- ming bits D5-D4 of CTRI, bit 0 of CTR0 and bit 0 of CTR2. Table 2. Pin Assignments Pin I/O C/T Comp. Int. Ext P31 IN IN AN1 IRQ2 P32 IN AN2 IRQ0 P33 IN VREF IRQ1 P34 OUT T8 A01 DM P35 OUT T16 P36 OUT T8/16 P20 I/O IN Figure 10. Port 3 Configuration P34 OUT P32 + - P33 0 = P34 Standard Output 1 = P34 Comparator Output PCON D0 P31 + - P33 P34 PAD * T8 P34 OUT 0 Normal Control 1 8-bit Timer output active CTR0 D0 Counter/Timer Reset condition. * Comp1 Comp2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |