Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86L71 Datasheet(PDF) 30 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 30 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 26Page - Zilog, Inc. Z86L71 Datasheet HTML 27Page - Zilog, Inc. Z86L71 Datasheet HTML 28Page - Zilog, Inc. Z86L71 Datasheet HTML 29Page - Zilog, Inc. Z86L71 Datasheet HTML 30Page - Zilog, Inc. Z86L71 Datasheet HTML 31Page - Zilog, Inc. Z86L71 Datasheet HTML 32Page - Zilog, Inc. Z86L71 Datasheet HTML 33Page - Zilog, Inc. Z86L71 Datasheet HTML 34Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
Z86L70/71/75/C71
IR/Low-Voltage Microcontroller
Zilog
1-30
P R E L I M I N A R Y
DS97LVO0500
FUNCTIONAL DESCRIPTION (Continued)
Input Circuit
The edge detector monitors the input signal on P31 or P20.
Based on CTR1 D5-D4, a pulse is generated at the Pos
Edge or Neg Edge line when an edge is detected. Glitches
in the input signal which have a width less than specified
(CTR1 D3, D2) are filtered out.
T8 Transmit Mode
When T8 is enabled, the output of T8 depends on CTR1,
D1. If it is 0, T8_OUT is 1. If it is 1, T8_OUT is 0.
When T8 is enabled, the output T8_OUT switches to the
initial value (CTR1 D1). If the initial value (CTR1 D1) is 0,
TC8L is loaded, otherwise TC8H is loaded into the
counter. In Single-Pass Mode (CTR0 D6), T8 counts down
to 0 and stops, T8_OUT toggles, the time-out status bit
(CTR0 D5) is set, and a time-out interrupt can be generat-
ed if it is enabled (CTR0 D1) (Figure 22). In Modulo-N
Mode, upon reaching terminal count, T8_OUT is toggled,
but no interrupt is generated. Then T8 loads a new count
(if the T8_OUT level now is 0), TC8L is loaded; if it is 1,
TC8H is loaded. T8 counts down to 0, toggles T8_OUT,
sets the time-out status bit (CTR0 D5) and generates an
interrupt if enabled (CTR0 D1) (Figure 23). This completes
one cycle. T8 then loads from TC8H or TC8L according to
the T8_OUT level, and repeats the cycle.
The user can modify the values in TC8H or TC8L at any
time. The new values take effect when they are loaded.
Care must be taken not to write these registers at the time
the values are to be loaded into the counter/timer, to en-
sure known operation. An initial count of 1 is not al-
lowed (a non-function will occur). An initial count of 0
will cause TC8 to count from 0 to %FF to %FE (Note, % is
used for hexadecimal values). Transition from 0 to %FF is
not a time-out condition.
Note: Using the same instructions for stopping the
counter/timers and setting the status bits is not rec-
ommended. Two successive commands, first stopping
the counter/timers, then resetting the status bits is neces-
sary. This is required because it takes one counter/timer
clock interval for the initiated event to actually occur.
Figure 19. T8_OUT in Single-Pass Mode
TC8H Counts
“Counter Enable” Command,
T8_OUT Switches To Its
Initial Value (CTR1 D1)
T8_OUT Toggles,
Time-Out Interrupt
Figure 20. T8_OUT in Modulo-N Mode
“Counter Enable” Command,
T8_OUT Switches To Its
Initial Value (CTR1 D1)
T8_OUT Toggles
T8_OUT
TC8L
TC8H
TC8L
TC8H
TC8L
Time-Out Interrupt
Time-Out Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com