Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86L71 Datasheet(PDF) 31 Page - Zilog, Inc.

Part # Z86L71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86L71 Datasheet(HTML) 31 Page - Zilog, Inc.

Back Button Z86L71 Datasheet HTML 27Page - Zilog, Inc. Z86L71 Datasheet HTML 28Page - Zilog, Inc. Z86L71 Datasheet HTML 29Page - Zilog, Inc. Z86L71 Datasheet HTML 30Page - Zilog, Inc. Z86L71 Datasheet HTML 31Page - Zilog, Inc. Z86L71 Datasheet HTML 32Page - Zilog, Inc. Z86L71 Datasheet HTML 33Page - Zilog, Inc. Z86L71 Datasheet HTML 34Page - Zilog, Inc. Z86L71 Datasheet HTML 35Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-31
1
T8 Demodulation Mode
The user should program TC8L and TC8H to %FF. After
T8 is enabled, when the first edge (rising, falling, or both
depending on CTR1 D5, D4) is detected, it starts to count
down. When a subsequent edge (rising, falling, or both de-
pending on CTR1 D5, D4) is detected during counting, the
current value of T8 is one's complemented and put into
one of the capture registers. If it is a positive edge, data is
put into LO8, if negative edge, HI8. One of the edge detect
status bits (CTR1 D1, D0) is set, and an interrupt can be
generated if enabled (CTR0 D2). Meanwhile, T8 is loaded
with %FF and starts counting again. Should T8 reach 0,
the time-out status bit (CTR0 D5) is set, an interrupt can be
generated if enabled (CTR0 D1), and T8 continues count-
ing from %FF (Figure 21).
Figure 21. Demodulation Mode Count Capture Flowchart
T8 (8-Bit)
Count Capture
T8_Enable
(Set By User)
No
Yes
Edge Present
No
Yes
What Kind Of Edge
Pos
T8
→ L08
Neg
T8
→ HI8
%FF
→ T8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com