Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C71 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # Z86C71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C71 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button Z86C71 Datasheet HTML 4Page - Zilog, Inc. Z86C71 Datasheet HTML 5Page - Zilog, Inc. Z86C71 Datasheet HTML 6Page - Zilog, Inc. Z86C71 Datasheet HTML 7Page - Zilog, Inc. Z86C71 Datasheet HTML 8Page - Zilog, Inc. Z86C71 Datasheet HTML 9Page - Zilog, Inc. Z86C71 Datasheet HTML 10Page - Zilog, Inc. Z86C71 Datasheet HTML 11Page - Zilog, Inc. Z86C71 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
Z86L70/71/75/C71
IR/Low-Voltage Microcontroller
Zilog
1-8
P R E L I M I N A R Y
DS97LVO0500
DC CHARACTERISTICS (Z86C71 SPECIFICATIONS)
Preliminary
TA = 0°C to +70°C
Typ @
Sym
Parameter
VCC
Min
Max
25
°C
Units
Conditions
Notes
Max Input
Voltage
4.5V
5.5V
7
7
V
V
IIN 250 µA
IIN 250 µA
VCH
Clock Input
High Voltage
4.5V
5.5V
0.9 VCC
0.9 VCC
VCC + 0.3
VCC + 0.3
V
Driven by
External Clock
Generator
VCL
Clock Input
Low Voltage
4.5V
5.5V
VSS – 0.3
VSS –0.3
0.2 VCC
0.2 VCC
V
Driven by
External Clock
Generator
VIH
Input High
Voltage
4.5V
5.5V
0.7 VCC
0.7 VCC
VCC + 0.3
VCC + 0.3
0.5VCC
0.5VCC
V
Driven by
External Clock
Generator
VIL
Input Low
Voltage
4.5V
5.5V
VSS – 0.3
VSS – 0.3
0.5VCC
0.5VCC
V
VOH1
Output High
Voltage
4.5V
5.5V
VCC – 0.4
VCC – 0.4
4.4
5.4
VIOH = –0.5 mA
IOH = –0.5 mA
VOH2
Output High
Voltage
(P36, P37)
4.5V
5.5V
VCC – 0.8
VCC – 0.8
V
V
IOH = –7 mA
IOH = –7 mA
VOL1
Output Low
Voltage
4.5V
5.5V
0.4
0.4
0.1
0.2
V
V
IOL = 1.0 mA
IOL = 4.0 mA
VOL2*
Output Low
Voltage
4.5V
3.9 V
0.8
0.8
0.3
0.4
V
V
IOL = 5.0 mA
IOL = 7.0 mA
VOL2
Output Low
Voltage
(P00, P01,
P36,P37)
4.5V
5.5V
0.8
0.8
0.3
0.2
VIOL = 10 mA
VRH
Reset Input
High Voltage
4.5V
5.5V
0.8 VCC
0.8 VCC
VCC
VCC
2.5
3.0
V
V
VRl
Reset Input
Low Voltage
4.5V
5.5V
VSS – 0.3
VSS – 0.3
0.2 VCC
0.2 VCC
0.5
0.9
VOFFSET Comparator
Input
Offset Voltage
4.5V
5.5V
25
25
10
10
mV
mV
IIL
Input Leakage
4.5V
5.5V
-1
-1
1
1
<1
<1
µA
µA
VIN = OV, VCC
VIN = OV, VCC
IOL
Output Leakage
4.5V
5.5V
-1
-1
1
1
<1
<1
µA
µA
VIN = OV, VCC
VIN = OV, VCC
IIR
Reset Input
Current
4.5V
5.5V
-500
-800
µA
µA
ICC
Supply Current
4.5V
5.5V
20
30
mA
mA
@8.0 MHz
@8.0 MHz
1,2
1.2
WDT Off
4.5V
5.5V
1000
1250
10
10
µA
µA
@ 32 kHz
@ 32 kHz
1,2,8
1,2,8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com