Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C71 Datasheet(PDF) 14 Page - Zilog, Inc.

Part # Z86C71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C71 Datasheet(HTML) 14 Page - Zilog, Inc.

Back Button Z86C71 Datasheet HTML 10Page - Zilog, Inc. Z86C71 Datasheet HTML 11Page - Zilog, Inc. Z86C71 Datasheet HTML 12Page - Zilog, Inc. Z86C71 Datasheet HTML 13Page - Zilog, Inc. Z86C71 Datasheet HTML 14Page - Zilog, Inc. Z86C71 Datasheet HTML 15Page - Zilog, Inc. Z86C71 Datasheet HTML 16Page - Zilog, Inc. Z86C71 Datasheet HTML 17Page - Zilog, Inc. Z86C71 Datasheet HTML 18Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
Z86L70/71/75/C71
IR/Low-Voltage Microcontroller
Zilog
1-14
P R E L I M I N A R Y
DS97LVO0500
PIN FUNCTIONS
XTAL1 Crystal 1 (time-based input). This pin connects a
parallel-resonant crystal, ceramic resonator, LC, or RC
network or an external single-phase clock to the on-chip
oscillator input.
XTAL2 Crystal 2 (time-based output). This pin connects a
parallel-resonant, crystal, ceramic resonant, LC, or RC
network to the on-chip oscillator output.
Port 0 (P07-P00). Port 0 is an two-bit, bidirectional,
CMOS-compatible port. These I/O lines are configured un-
der software control as an I/O port. The output drivers are
push-pull.
An optional 200 KOhm pull-up is available as a mask op-
tion on both Port 0 bits.
These pull-ups are disabled when configured (bit by
bit) as an output.
Figure 8. Port 0 Configuration
OEN
Out
In
PAD
200 K
Ω
Mask
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com