Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C71 Datasheet(PDF) 45 Page - Zilog, Inc.

Part # Z86C71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C71 Datasheet(HTML) 45 Page - Zilog, Inc.

Back Button Z86C71 Datasheet HTML 41Page - Zilog, Inc. Z86C71 Datasheet HTML 42Page - Zilog, Inc. Z86C71 Datasheet HTML 43Page - Zilog, Inc. Z86C71 Datasheet HTML 44Page - Zilog, Inc. Z86C71 Datasheet HTML 45Page - Zilog, Inc. Z86C71 Datasheet HTML 46Page - Zilog, Inc. Z86C71 Datasheet HTML 47Page - Zilog, Inc. Z86C71 Datasheet HTML 48Page - Zilog, Inc. Z86C71 Datasheet HTML 49Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
Z86L70/71/75/C71
Zilog
IR/Low-Voltage Microcontroller
DS97LVO0500
P R E L I M I N A R Y
1-45
1
SCLK/TCLK Divide-by-16 Select (D0). D0 of the SMR
controls a Divide-by-16 prescaler of SCLK/TCLK. The pur-
pose of this control is to selectively reduce device power
consumption during normal processor execution (SCLK
control) and/or HALT Mode (where TCLK sources interrupt
logic). After Stop-Mode Recovery, this bit is set to a 0.
Stop-Mode Recovery Source (D2, D3, and D4). These
three bits of the SMR specify the wake up source of the
STOP recovery (Figure 36 and Table 5).
P33-P31 cannot wake up from STOP Mode if the input
lines are configured as analog input.
Note: Port pins defined as an output will drive the corre-
sponding input to the default state to allow the remaining
inputs to control the AND/OR function. Refer to SMR2 reg-
ister for other recover sources.
Stop-Mode Recovery Delay Select (D5). This bit, if Low,
disables the 5 ms /RESET delay after Stop-Mode Recov-
ery. The default configuration of this bit is one. If the "fast"
wake up is selected, the Stop-Mode Recovery source
needs to be kept active for at least 5TpC.
Stop-Mode Recovery Edge Select (D6). A 1 in this bit po-
sition indicates that a High level on any one of the recovery
sources wakes the Z86L7X from STOP Mode. A 0 indi-
cates Low level recovery. The default is 0 on POR (Figure
36).
Cold or Warm Start (D7). This bit is set by the device
upon entering STOP Mode. It is a Read Only Flag bit. A 1
in D7 (warm) indicates that the device will awaken from a
SMR source or a WDT while in STOP Mode. A 0 in this bit
(cold) indicates that the device will be reset by a POR,
WDT while not in STOP, or the device awakened a low
voltage standby mode.
Stop-Mode Recovery Register 2 (SMR). This register
determines the mode of the Stop-Mode Recovery for
SMR2.
If SMR2 is used in conjunction with SMR, either of the
specified events will cause a Stop-Mode Recovery.
Figure 35. SCLK Circuit
Table 5. Stop-Mode Recovery Source
SMR:432
Operation
D4
D3
D2
Description of Action
0
0
0
POR and/or external reset recovery
0
0
1
Reserved
0
1
0
P31 transition
0
1
1
P32 transition
1
0
0
P33 transition
1
0
1
P27 transition
1
1
0
Logical NOR of P20 through P23
1
1
1
Logical NOR of P20 through P27
SMR, D0
÷ 2
÷16
OSC
SCLK
TCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com