Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z86C71 Datasheet(PDF) 4 Page - Zilog, Inc.

Part # Z86C71
Description  IR/Low-Voltage Microcontroller
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C71 Datasheet(HTML) 4 Page - Zilog, Inc.

  Z86C71 Datasheet HTML 1Page - Zilog, Inc. Z86C71 Datasheet HTML 2Page - Zilog, Inc. Z86C71 Datasheet HTML 3Page - Zilog, Inc. Z86C71 Datasheet HTML 4Page - Zilog, Inc. Z86C71 Datasheet HTML 5Page - Zilog, Inc. Z86C71 Datasheet HTML 6Page - Zilog, Inc. Z86C71 Datasheet HTML 7Page - Zilog, Inc. Z86C71 Datasheet HTML 8Page - Zilog, Inc. Z86C71 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
Z86L70/71/75/C71
IR/Low-Voltage Microcontroller
Zilog
1-4
P R E L I M I N A R Y
DS97LVO0500
PIN DESCRIPTION
Figure 3. 18-Pin DIP/SOIC Pin Assignments
P24
P25
P26
P27
VDD
XTAL2
XTAL1
P31
P32
P23
P22
P21
P20
VSS
P36
P35
P34
P33
18
Z86L70/75
DIP/SOIC
1
910
Figure 4. 20-Pin DIP/SOIC Pin Assignments
P24
P25
P26
P27
VDD
XTAL2
XTAL1
P31
P32
P00
P23
P22
P21
P20
VSS
P36
P35
P34
P33
P07
20
Z86L71/C71
DIP/SOIC
1
10
11
Table 1. Pin Identification
20-Pin
DIP & SOIC
18-Pin DIP
& SOIC
Symbol
Direction
Description
10
11
P00
P07
Input/Output
Input/Output
Port 0 pins are individually configurable as
input or output.
17
18
19
20
1
2
3
4
15
16
17
18
1
2
3
4
P20
P21
P22
P23
P24
P25
P26
P27
Input/Output
Input/Output
Input/Output
Input/Output
Input/Output
Input/Output
Input/Output
Input/Output
Port 2 pins are individually configurable as
input or output.
8
9
12
13
14
15
8
9
10
11
12
13
P31
P32
P33
P34
P35
P36
Input
Input
Input
Output
Output
Output
IRQ2/Modulator Input
IRQ0
IRQ1
T8 output
T16 output
T8/T16 output
7
6
5
16
7
6
5
14
XTAL1
XTAL2
VDD
VSS
Input
Output
Crystal, Oscillator Clock
Crystal, Oscillator Clock
Power Supply
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com