Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7404D Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7404D
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404D Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7404D Datasheet HTML 8Page - STMicroelectronics TDA7404D Datasheet HTML 9Page - STMicroelectronics TDA7404D Datasheet HTML 10Page - STMicroelectronics TDA7404D Datasheet HTML 11Page - STMicroelectronics TDA7404D Datasheet HTML 12Page - STMicroelectronics TDA7404D Datasheet HTML 13Page - STMicroelectronics TDA7404D Datasheet HTML 14Page - STMicroelectronics TDA7404D Datasheet HTML 15Page - STMicroelectronics TDA7404D Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
TDA7404D
12/26
1.6 SoftStep-Volume
When the volume-level is changed audible clicks could appear at the output. The root cause of those clicks
could either be a DC-Offset before the volume-stage or the sudden change of the envelope of the audiosignal.
With the SoftStep-feature both kinds of clicks could be reduced to a minimum and are no more audible. Four
programmable soft step time from one step to the next, are user selectable.
Figure 7. SoftStep-Timing
Note: For steps more than 1dB the SoftStep mode should be deactivated because it could generate a 1dB error during the blend-time.
1.7 Bass
There are three parameters programmable in the bass stage:
1.7.1 Attenuation
Figure 8 shows the attenuation as a function of frequency at a center frequency of 80Hz.
Figure 8. Bass Control @ fC = 80Hz, Q = 1
Time
SS Time
-1dB
-2dB
Vout
2dB
1dB
-15.0
-10.0
-5.0
0.0
5.0
10.0
15.0
10.0
100.0
1.0K
10.0K
dB
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com