Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7404D Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7404D
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404D Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7404D Datasheet HTML 13Page - STMicroelectronics TDA7404D Datasheet HTML 14Page - STMicroelectronics TDA7404D Datasheet HTML 15Page - STMicroelectronics TDA7404D Datasheet HTML 16Page - STMicroelectronics TDA7404D Datasheet HTML 17Page - STMicroelectronics TDA7404D Datasheet HTML 18Page - STMicroelectronics TDA7404D Datasheet HTML 19Page - STMicroelectronics TDA7404D Datasheet HTML 20Page - STMicroelectronics TDA7404D Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17/26
TDA7404D
2.3 Reset Condition
A Power-On-Reset is invoked if the Supply-Voltage is below than 3.5V. After that the following data is written
automatically into the registers of all subaddresses :
The programming after POR is marked bold-face / underlined in the programming tables.
With this programming all the outputs are muted to VREF (VOUT= VDD/2).
Note : All the blank bits in the following tables are "don't care"-bits.
2.4 SUBADDRESS (receive mode)
1 For more information see Soft Mute-section
2 For more information see AutoZero-section
3 For more information see Test Programming block
4 If this bit is set to "1", the subaddress is automatically incremented after the transmission of a data-byte.
Therefore a transmission of more than one byte without sending the new subaddress is possible.
MSB
LSB
11
1
1
1
1
1
0
MSB
LSB
FUNCTION
I3
I2
I1
I0
A3
A2
A1
A0
0
1
Zero cross / Soft Mute 1
Zero Cross available
Soft Mute available
0
1
AutoZero Remain 2
off
on
0
1
Testmode 3
off
on
0
1
Auto-Increment Mode 4
off
on
0
0
0
0
0
0
0
0
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Input Selector / Gain
Loudness
Volume
Treble
Bass
Speaker attenuator LF / Bass Fc select
Speaker attenuator RF
Speaker attenuator LR
Speaker attenuator RR
Subwoofer attenuator LSW
Subwoofer attenuator RSW
SoftMute / Mixing
Others selection
Testing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com