Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7404D Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7404D
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7404D Datasheet HTML 15Page - STMicroelectronics TDA7404D Datasheet HTML 16Page - STMicroelectronics TDA7404D Datasheet HTML 17Page - STMicroelectronics TDA7404D Datasheet HTML 18Page - STMicroelectronics TDA7404D Datasheet HTML 19Page - STMicroelectronics TDA7404D Datasheet HTML 20Page - STMicroelectronics TDA7404D Datasheet HTML 21Page - STMicroelectronics TDA7404D Datasheet HTML 22Page - STMicroelectronics TDA7404D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
19/26
TDA7404D
2.5.3 Volume
Note 2: It is not recommended to use a gain more than 20dB for system performance reason. In general, the max. gain should be limited by
software to the maximum value, which is needed for the system.
2.5.4 Treble Programming
MSB
LSB
ATTENUATION
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
1
1
1
0
0
0
0
0
1
1
1
1
1
1
0
0
0
0
1
0
0
0
0
0
1
0
0
0
0
1
0
0
0
1
1
X
0
0
0
0
1
0
0
0
1
1
X
0
0
1
1
1
0
0
1
1
1
X
0
1
0
1
1
0
1
0
1
0
1
X
Gain/Attenuation
not allow
not allow
+30.0dB
+29.0dB
:
+1.0dB
0.0dB
- 1.0dB
- 2.0dB
:
-78.0dB
-79.0dB
Mute
0
1
Diffin - mode
Single ended stereo
Differential Stereo
MSB
LSB
BASS & TREBLE PROGRAMMING
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Treble Steps
15dB
14dB
13dB
12dB
11dB
10dB
9dB
8dB
7dB
6dB
5dB
4dB
3dB
2dB
1dB
0dB
0
1
Mode
Cut
Boost
X
X
X
X
0
0
1
1
0
1
0
1
Treble Center Frequency
10KHz
12.5KHz
15KHz
17.5KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com