Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7404D Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7404D
Description  CARRADIO-SIGNAL-PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7404D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7404D Datasheet HTML 10Page - STMicroelectronics TDA7404D Datasheet HTML 11Page - STMicroelectronics TDA7404D Datasheet HTML 12Page - STMicroelectronics TDA7404D Datasheet HTML 13Page - STMicroelectronics TDA7404D Datasheet HTML 14Page - STMicroelectronics TDA7404D Datasheet HTML 15Page - STMicroelectronics TDA7404D Datasheet HTML 16Page - STMicroelectronics TDA7404D Datasheet HTML 17Page - STMicroelectronics TDA7404D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TDA7404D
14/26
1.7.4 DC Mode
In this mode the DC-gain is increased by 4.4dB. In addition the programmed center frequency and quality factor
is decreased by 25% which can be used to reach alternative center frequencies or quality factors.
Figure 11. Bass normal and DC Mode @ Gain = 14dB, fC = 80Hz
Note: The center frequency, Q and DC-mode can be set fully independently.
1.8 Treble
There are two parameters programmable in the treble stage:
1.8.1 Attenuation
Figure 12 shows the attenuation as a function of frequency at a center frequency of 17.5kHz.
Figure 12. Treble Control @ fC = 17.5kHz
0.0
2.5
5.0
7.5
10.0
12.5
15.0
10.0
100.0
1.0K
10.0K











-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com