Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5020MDREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REF5020MDREP
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5020MDREP Datasheet(HTML) 4 Page - Texas Instruments

  REF5020MDREP Datasheet HTML 1Page - Texas Instruments REF5020MDREP Datasheet HTML 2Page - Texas Instruments REF5020MDREP Datasheet HTML 3Page - Texas Instruments REF5020MDREP Datasheet HTML 4Page - Texas Instruments REF5020MDREP Datasheet HTML 5Page - Texas Instruments REF5020MDREP Datasheet HTML 6Page - Texas Instruments REF5020MDREP Datasheet HTML 7Page - Texas Instruments REF5020MDREP Datasheet HTML 8Page - Texas Instruments REF5020MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
REF5020-EP, REF5025-EP, REF5040-EP, REF5050-EP
SBOS471B – APRIL 2010 – REVISED JUNE 2015
www.ti.com
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
VOUT + 0.2 V
18
V
IOUT
–10
10
mA
6.4 Thermal Information
REF502x-EP
THERMAL METRIC(1)
D (SOIC)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
97.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
42.2
°C/W
RθJB
Junction-to-board thermal resistance
34.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics: Per Device
At TA = 25°C, ILOAD = 0, CL = 1 μF, and VIN = (VOUT + 0.2 V) to 18 V, unless otherwise noted.
TA = 25°C
TA = –55°C to 125°C
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
REF5020 (VOUT = 2.048V)
(1)
OUTPUT VOLTAGE
Output Voltage
VOUT
2.7 V < VIN < 18 V
2.048
V
Initial Accuracy
–0.05%
0.05%
Over Temperature
–0.08%
0.08%
NOISE
Output Voltage Noise
f = 0.1 Hz to 10 Hz
6
μVPP
REF5025 (VOUT = 2.5 V)
OUTPUT VOLTAGE
Output Voltage
VOUT
2.5
V
Initial Accuracy
–0.05%
0.05%
NOISE
Output Voltage Noise
f = 0.1 Hz to 10 Hz
7.5
μVPP
REF5040 (VOUT = 4.096V)
OUTPUT VOLTAGE
Output Voltage
VOUT
4.096
V
Initial Accuracy
–0.05%
0.05%
Over Temperature
–0.08%
0.08%
NOISE
Output Voltage Noise
f = 0.1 Hz to 10 Hz
12
μVPP
REF5050 (VOUT = 5 V)
OUTPUT VOLTAGE
Output Voltage
VOUT
5
V
Initial Accuracy
–0.05%
0.05%
Over Temperature
–0.08%
0.08%
NOISE
Output Voltage Noise
f = 0.1 Hz to 10 Hz
15
μVPP
(1)
For VOUT ≤ 2.5 V, the minimum supply voltage is 2.7 V.
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: REF5020-EP REF5025-EP REF5040-EP REF5050-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com