Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5020MDREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF5020MDREP
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5020MDREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF5020MDREP Datasheet HTML 7Page - Texas Instruments REF5020MDREP Datasheet HTML 8Page - Texas Instruments REF5020MDREP Datasheet HTML 9Page - Texas Instruments REF5020MDREP Datasheet HTML 10Page - Texas Instruments REF5020MDREP Datasheet HTML 11Page - Texas Instruments REF5020MDREP Datasheet HTML 12Page - Texas Instruments REF5020MDREP Datasheet HTML 13Page - Texas Instruments REF5020MDREP Datasheet HTML 14Page - Texas Instruments REF5020MDREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF50xx
V
TEMP
2.6mV/ C
°
OPA(1)
NOTE:(1)Lowdriftopamp,suchastheOPA333,OPA335,orOPA376.
+V
6
OUTMAX
OUTMIN
OUT
V
V
Drift
10 (ppm)
V
Temp Range
æ
ö
-
=
´
ç
÷
´
è
ø
REF5020-EP, REF5025-EP, REF5040-EP, REF5050-EP
www.ti.com
SBOS471B – APRIL 2010 – REVISED JUNE 2015
Feature Description (continued)
7.3.2 Low Temperature Drift
The REF50xx is designed for minimal drift error, which is defined as the change in output voltage over
temperature. The drift is calculated using the box method, as described by Equation 1:
(1)
The REF50xx features a maximum drift coefficient of 3 ppm/°C for the high-grade version, and 8 ppm/°C for the
standard-grade.
7.3.3 Temperature Monitoring
The temperature output terminal (TEMP, pin 3) provides a temperature-dependent voltage output with
approximately 60-k
Ω source impedance. As seen in Figure 8, the output voltage follows the nominal relationship:
VTEMP PIN = 509 mV + 2.64 × T(°C)
(2)
This pin indicates general chip temperature, accurate to approximately ±15°C. Although it is not generally
suitable for accurate temperature measurements, it can be used to indicate temperature changes or for
temperature compensation of analog circuitry. A temperature change of 30°C corresponds to an approximate 79
mV change in voltage at the TEMP pin.
The TEMP pin has high output impedance (see Functional Block Diagram). Loading this pin with a low-
impedance circuit induces a measurement error; however, it does not have any effect on VOUT accuracy. To
avoid errors caused by low-impedance loading, buffer the TEMP pin output with a suitable low-temperature drift
operational amplifiers, such as the OPA333, OPA335, or OPA376, as shown in Figure 23.
Figure 23. Buffering the TEMP Pin Output
7.3.4 Noise Performance
Typical 0.1-Hz to 10-Hz voltage noise for each member of the REF50xx family is specified in the Electrical
Characteristics: Per Device table. The noise voltage increases with output voltage and operating temperature.
Additional filtering can be used to improve output noise levels, although take care to ensure the output
impedance does not degrade performance.
For additional information about how to minimize noise and maximize performance in mixed-signal applications
such as data converters, refer to the series of Analog Applications Journal articles entitled, How a Voltage
Reference Affects ADC Performance. This three-part series is available for download from the TI website under
three literature numbers: SLYT331, SLYT339, and SLYT355, respectively.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: REF5020-EP REF5025-EP REF5040-EP REF5050-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com