Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5020MDREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF5020MDREP
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5020MDREP Datasheet(HTML) 1 Page - Texas Instruments

  REF5020MDREP Datasheet HTML 1Page - Texas Instruments REF5020MDREP Datasheet HTML 2Page - Texas Instruments REF5020MDREP Datasheet HTML 3Page - Texas Instruments REF5020MDREP Datasheet HTML 4Page - Texas Instruments REF5020MDREP Datasheet HTML 5Page - Texas Instruments REF5020MDREP Datasheet HTML 6Page - Texas Instruments REF5020MDREP Datasheet HTML 7Page - Texas Instruments REF5020MDREP Datasheet HTML 8Page - Texas Instruments REF5020MDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ADS8326
REF5040
REF
V
OUT
GND
+IN
- IN
V
IN
+5 V
OPA365
Input
Signal
0 V to 4 V
+5 V
+5 V
V
DD
GND
C
BYPASS
1 µF
R
1
50
C
1
1.2 nF
C
2
22 µf
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
REF5020-EP, REF5025-EP, REF5040-EP, REF5050-EP
SBOS471B – APRIL 2010 – REVISED JUNE 2015
REF50xx-EP Low-Noise, Very Low Drift, Precision Voltage Reference
1 Features
3 Description
The REF50xx is a family of low-noise, very low-drift,
1
•
Low Temperature Drift:
very
high
precision
voltage
references.
These
5 ppm/°C (Maximum)
references are capable of both sinking and sourcing,
•
High Accuracy:
and are very robust with regard to line and load
0.08% (Maximum)
changes.
•
Low Noise: 3
μVPP/V
Excellent temperature drift and high accuracy are
•
High Output Current: ±10 mA
achieved using proprietary design techniques. These
features, combined with very low noise, make the
•
Available in Military (–55°C to 125°C)
REF50xx family ideal for use in high-precision data
Temperature Range (1)
acquisition systems.
•
Extended Product Life Cycle
They are offered in SOIC-8 packages, and are
•
Extended Product-Change Notification
specified from –55°C to 125°C.
•
Product Traceability
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
16-Bit Data Acquisition Systems
REF50xx-EP
SOIC (8)
4.90 mm × 3.91 mm
•
ATE Equipment
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Industrial Process Control
•
Medical Instrumentation
•
Optical Control Systems
•
Precision Instrumentation
•
Controlled Baseline
•
One Assembly/Test Site
•
One Fabrication Site
(1)
Custom temperature ranges available
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - REF5020MDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF5020MDREP TI-REF5020MDREP Datasheet
374Kb / 16P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020MDREP TI-REF5020MDREP Datasheet
541Kb / 18P
LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
More results

Similar Description - REF5020MDREP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REF5020 BURR-BROWN-REF5020 Datasheet
468Kb / 16P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF5010 TI-REF5010 Datasheet
614Kb / 20P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP Datasheet
374Kb / 16P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5020-EP TI-REF5020-EP_1 Datasheet
541Kb / 18P
LOW-NOISE,VERY LOW DRIFT,PRECISION VOLTAGE REFERENCE
REF5020A-Q1 TI1-REF5020A-Q1 Datasheet
888Kb / 19P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5025-HT TI1-REF5025-HT Datasheet
446Kb / 16P
LOW NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_13 Datasheet
1Mb / 28P
Low-Noise, Very Low Drift, Precision VOLTAGE REFERENCE
REF5050AQDRQ1 TI1-REF5050AQDRQ1 Datasheet
1Mb / 21P
LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
REF5010 TI-REF5010_15 Datasheet
2Mb / 28P
Low-Noise, Very Low Drift, Precision Voltage Reference
REF5010 TI1-REF5010 Datasheet
3Mb / 38P
Low-Noise, Very Low Drift, Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com