Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF5020MDREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # REF5020MDREP
Description  Low-Noise, Very Low Drift, Precision Voltage Reference
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5020MDREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button REF5020MDREP Datasheet HTML 10Page - Texas Instruments REF5020MDREP Datasheet HTML 11Page - Texas Instruments REF5020MDREP Datasheet HTML 12Page - Texas Instruments REF5020MDREP Datasheet HTML 13Page - Texas Instruments REF5020MDREP Datasheet HTML 14Page - Texas Instruments REF5020MDREP Datasheet HTML 15Page - Texas Instruments REF5020MDREP Datasheet HTML 16Page - Texas Instruments REF5020MDREP Datasheet HTML 17Page - Texas Instruments REF5020MDREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
NC
V
IN
TEMP
GND
REF5040
1
8
NC
Variable
+4.096V
C
1µF - 50µF
OUT
+5V
C
10µF
IN
2
3
4
NC
V
OUT
TRIM
7
6
5
REF5020-EP, REF5025-EP, REF5040-EP, REF5050-EP
SBOS471B – APRIL 2010 – REVISED JUNE 2015
www.ti.com
Typical Applications (continued)
8.2.1.3 Application Curves
Figure 26. Noise Measurements of Properly Design
Figure 27. FFT of Data Acquisition System Design With
REF50xx Data Acquisition System from Figure 33
REF50xx from Figure 33
8.2.2 Positive Reference Voltage
Figure 28. REF50xx With Load Capacitor
8.2.2.1 Detailed Design Procedure
8.2.2.1.1
Load Capacitance
To determine how much noise the reference voltage is contributing in a real application, this design uses the
circuit presented in Figure 28. For the same conditions as power supply, input decoupling, and load current,
measure the output noise for different output decoupling or load capacitors. The load capacitor type will change
the low-pass filter frequency that is created on the output. This filter is determined by an added capacitor value
and two parasitic components: the open-loop output impedance of the internal amplifier to the reference voltage,
and the ESR of the external capacitor.
Figure 29 shows a fast-Fourier-transform (FFT) plot of the output signal of the reference voltage circuit with a 10-
μF ceramic capacitor load. The output noise level peaks at around 9 kHz because of the response of the internal
amplifier of the circuit to the capacitive load (CL).
This peaking is the main contributor to the overall measured noise. This output noise, measured with an analog
meter over a frequency range of up to 80 kHz, is approximately 16.5
μVRMS. If the voltage-reference circuit was
connected to the input of an ADC, the measured noise across a 65-kHz frequency range would be 138
μVPP.
This noise level makes this solution adequate for 8- to 14-bit converters.
14
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: REF5020-EP REF5025-EP REF5040-EP REF5050-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com