Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLS-440P Datasheet(PDF) 7 Page - ams AG

Part # HLS-440P
Description  Automotive Hydrogen Leak Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-440P Datasheet(HTML) 7 Page - ams AG

Back Button HLS-440P Datasheet HTML 3Page - ams AG HLS-440P Datasheet HTML 4Page - ams AG HLS-440P Datasheet HTML 5Page - ams AG HLS-440P Datasheet HTML 6Page - ams AG HLS-440P Datasheet HTML 7Page - ams AG HLS-440P Datasheet HTML 8Page - ams AG HLS-440P Datasheet HTML 9Page - ams AG HLS-440P Datasheet HTML 10Page - ams AG HLS-440P Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ams Datasheet
Page 7
[v1-00] 2015-Apr-01
Document Feedback
HLS - 440P − Electrical Interface
Figure 7:
CAN Matrix Message Layout HLS-440P
System:
H2ES
Receiver
Name:
A: H2 Exhaust Sensor
B: H2 Ambient Sensor
ID: (hex)
A: 0x638 B:0x640
Datalengthcode:
8
Interrupt:
no
Rev. 3.3
Transceive:
Tx
Remote:
no
Repetition rate:
100 ms
MSB
LSB
variables
short name
datatype
resolution
phys. range / unit
raw range no value
b7
b6
b5
b4
b3
b2
b1
b0
Byte-No.
H2 Concentration
H2ES_Con
byte
0,05
0 .. 10 Vol.% H2
0 .. 200
255
Byte 0
Status
Sensor not ready
H2ES_not_ready
bit
b0
Byte 1
Error Category
H2ES_Err_Cat
2 bit
b2
b1
EMC correction active
H2ES_EMC_Corr
bit
b3
negative drift info
H2ES_neg_drift1
bit
b4
negative drift warning
H2ES_neg_drift2
bit
b5
negative drift alarm
H2ES_neg_drift3
bit
b6
Error 5
bit
x
SW Version y.z
H2ES_SW
byte
1
0 .. F . 0 .. F
0.. 255
y
yyyzzzz
Byte 4
HW Version
Type
H2ES_HW_Type
2 bit
1
0
0
b7
b6
Byte 5
HW revision
H2ES_HW_Rev
6 bit
1
0 .. 63
0 .. 63
b5
b4
b3
b2
b1
b0
Byte 5
Msg Counter
H2ES_Count
byte
1
0 .. 127
0 .. 127
255
to be incremented each message !
Byte 6
Safety Byte - CRC Byte 0 .. Byte 6
H2ES_Safety
byte
1
0.. 255
Byte 7
Definition Error Category :
Code
Name
Description
0
No Error
H2ES Sensor OK
1
Performance Error
General function still given (e.g. tolerance range may be increased to 1 % vol.)
2
Slight functional error
General function still given but high likelihood for upcoming severe error (sensor should be replaced)
3
Severe functional error
Severe error, general function NOT given anymore, sensor not longer trustable (= signal not available)
Definition HW Version Type :
Code
Name
Description
0
H2ES
Type A
H2 Exhaust Sensor
1
H2AS
H2 Anode Sensor
2
H2S
H2 Ambient Sensor
3
H2ES
Type B
H2 Stack Module Vent Sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com