Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLS-440P Datasheet(PDF) 8 Page - ams AG

Part # HLS-440P
Description  Automotive Hydrogen Leak Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-440P Datasheet(HTML) 8 Page - ams AG

Back Button HLS-440P Datasheet HTML 4Page - ams AG HLS-440P Datasheet HTML 5Page - ams AG HLS-440P Datasheet HTML 6Page - ams AG HLS-440P Datasheet HTML 7Page - ams AG HLS-440P Datasheet HTML 8Page - ams AG HLS-440P Datasheet HTML 9Page - ams AG HLS-440P Datasheet HTML 10Page - ams AG HLS-440P Datasheet HTML 11Page - ams AG HLS-440P Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-00] 2015-Apr-01
HLS-440P − Electrical Inter face
Byte 0 H2 Concentration
Figure 8:
Byte 0 Bit Order
This byte shows the H2 concentration in a resolution of 0.05.
x = Concentration in % Hydrogen
Byte value = (x % H2)* 200/ (10 % H2)
x % = byte value *(10 % H2)/200
Range: 0 - 200 (Hexadecimal 0 - C8)
No value: 255 (Hexadecimal FF)
Values: 0 - 10 % H2
Resolution: 0.05 = (10 % H2) / 200
The No value is sent if there is no valid H2 concentration
(accompanied by Not_ready bit in status byte (Byte 1))
Byte 1 Status
Figure 9:
Byte 1 Status Bit Assignment
This byte shows the status of the module.
Bit 0: If the not_ready bit is set, the module is not up or not
working.
Value: 0 or 1
Bit 1 + 2: The error category
Value: 0 - 3
The figure below describes the error category definition
Bit
MSB
7
6
5
4
3
2
1
LSB
0
Byte 0
XXXXX
XXX
Bit
MSB
7
6
5
4
3
2
1
LSB
0
Byte 1
Bit 7
Bit 6
Neg_
drift3
Bit 5
Neg_
drift2
Bit 4
Neg_
drift1
Bit 3
EMC_
Corr
Bit 2 Err_
Category
Bit 1 Err_
Category
Not_ready
(EQ1)
(EQ2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com