Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLS-440P Datasheet(PDF) 9 Page - ams AG

Part # HLS-440P
Description  Automotive Hydrogen Leak Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-440P Datasheet(HTML) 9 Page - ams AG

Back Button HLS-440P Datasheet HTML 5Page - ams AG HLS-440P Datasheet HTML 6Page - ams AG HLS-440P Datasheet HTML 7Page - ams AG HLS-440P Datasheet HTML 8Page - ams AG HLS-440P Datasheet HTML 9Page - ams AG HLS-440P Datasheet HTML 10Page - ams AG HLS-440P Datasheet HTML 11Page - ams AG HLS-440P Datasheet HTML 12Page - ams AG HLS-440P Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ams Datasheet
Page 9
[v1-00] 2015-Apr-01
Document Feedback
HLS-440P − Electrical Interface
Figure 10:
Definition of Error Category
Bit 3: EMC_Corr...EMC correction active
Value: 0 or 1
Bit 4: Negative drift info. If this bit is set, the prediction has gone
below the first of three warning levels.
Bit 5: Negative drift warning. If this bit is set, the prediction has
gone below the second warning level.
Bit 6: Negative drift alarm. If this bit is set, the prediction has
gone below the third warning level.
Bit 7 is not used.
Byte 4 Software Version Y.Z
Figure 11:
Byte 4 Software Version Numbering Code
This byte shows the firmware version.
View: Y.Z
Range: 0 - 255 (Hexadecimal 0 - FF)
Value: 0.0 - 15.15 (Hexadecimal 0.0 - F.F)
Code
Name
Description
0
No error
Sensor OK
1
Performance error
General function still given; Warm start-up indication (<5 s)
2
Slight functional error
General function still given but high likelihood for
upcoming severe error (sensor should be replaced)
3
Severe functional error
Severe error, general function NOT given anymore, sensor
not longer trustable (=signal not available)
Bit
MSB
7
6
5
4
3
2
1
LSB
0
Byte 4
Y
Y
Y
Y
X
XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com