Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLS-440P Datasheet(PDF) 6 Page - ams AG

Part # HLS-440P
Description  Automotive Hydrogen Leak Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

HLS-440P Datasheet(HTML) 6 Page - ams AG

Back Button HLS-440P Datasheet HTML 2Page - ams AG HLS-440P Datasheet HTML 3Page - ams AG HLS-440P Datasheet HTML 4Page - ams AG HLS-440P Datasheet HTML 5Page - ams AG HLS-440P Datasheet HTML 6Page - ams AG HLS-440P Datasheet HTML 7Page - ams AG HLS-440P Datasheet HTML 8Page - ams AG HLS-440P Datasheet HTML 9Page - ams AG HLS-440P Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Page 6
ams Datasheet
Document Feedback
[v1-00] 2015-Apr-01
HLS-440P − Electrical Inter face
CAN Bus Interface
This section describes the CAN bus interface that is available in
some variants of HLS-440P.
Physical Interface
The physical interface is two-wire balanced. It is a high speed
CAN interface (ISO 11898-2) with bus bit rate at 500 kbit/s.
Type A: 120 Ohm CAN bus termination
Type B: no termination
CAN Matrix HLS-440P
HLS-440P will send the first CAN message 0.1 s after start-up.
The repetition rate of the CAN message is 100ms ±2ms. The first
H2 concentration will be delivered after 5 s. The CAN messages
prior to that will have the "Not_ready" bit set, indicating that
the concentration value of the message is not valid.
In case of a warm restart (<5s) error category 1 will be set for 10 s.
The Msg Counter increments with each CAN message.
Each CAN message is sent twice. The first time it is sent with ID
1592 (0x0638) for type A and 1600 (0x0640) for type B. The
second time it is sent with ID 1595 (0x063B) for type A and ID
1603 (0x0643) for type B. The second time all bytes excluding
byte 7 are inverted. Byte 7 has the fix value 170 (hex AA) in the
second message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com