Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3955-ASWF-S2 Datasheet(PDF) 74 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 74 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 70Page - ams AG AS3955-ASWF-S2 Datasheet HTML 71Page - ams AG AS3955-ASWF-S2 Datasheet HTML 72Page - ams AG AS3955-ASWF-S2 Datasheet HTML 73Page - ams AG AS3955-ASWF-S2 Datasheet HTML 74Page - ams AG AS3955-ASWF-S2 Datasheet HTML 75Page - ams AG AS3955-ASWF-S2 Datasheet HTML 76Page - ams AG AS3955-ASWF-S2 Datasheet HTML 77Page - ams AG AS3955-ASWF-S2 Datasheet HTML 78Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 111 page
background image
Page 74
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Detailed Description
Disable/Enable Transceiver
This direct command toggles internal states which enables or
disables the reception or transmission of the data. This
command should be used when MCU wants to disable the
interruption of EEPROM write/read over SPI / I²C by the received
RF wire/read command. The RF part can also be enabled by
issuing the Restart RX/TX. This command shall not change the
tag state.
Transmit Buffer
This direct command trigger the transmission of data stored in
the buffer over the RF link. Before issuing a Transmit command,
the MCU shall send a Clear Buffer command, and write into the
buffer the data to be transmitted by sending a Buffer Load
command.
Execution of this direct command is only enabled when the
AS3955 antenna coil is in a PCD field (VP_INT is above HF_PON
threshold) and AS3955 Extended or Tunneling modes are
enabled.
Transmit ACK
Transmit 4-bit ACK response.
Transmit NACK 0-5
Transmit 4-bit NACK response with different NACK codes.
Go To Sleep
Puts tag in SLEEP state. Execution of this direct command is only
enabled when AS3955 antenna coil is in a NFC device field
(VP_INT is above HF_PON threshold).
Go To Sense
Puts tag in SENSE state. Execution of this direct command is
only enabled when the AS3955 antenna coil is in a NFC device
field (VP_INT is above HF_PON threshold).
Go To Sense / Sleep
Puts tag in SLEEP state depending on the internal state of the
tag. Execution of this direct command is only enabled when
AS3955 antenna coil is in a NFC device field (VP_INT is above
HF_PON threshold).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com