| Electronic Components Datasheet Search |
|
AS3955-ASWF-S2 Datasheet(PDF) 15 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955-ASWF-S2 Datasheet(HTML) 15 Page - ams AG |
|
15 / 111 page ![]() ams Datasheet Page 15 [v1-01] 2015-Apr-29 Document Feedback AS3955 − Detailed Description Power Mode 1 AS3955 is fully supplied by RF field. AS3955 checks if Extended or Tunneling mode are enabled. In this case, VP_REG supplies the system (SPI / I²C pads, pull-ups, MCU), otherwise energy harvesting is turned off and VP_REG is set in tristate. Such power mode can be used in battery-less systems where the system is fully powered by the RF field. In such configuration, the VP_REG output pin for energy harvesting and VP_IO input supply shall be externally connected. Battery, even when present, will not be involved. If this power mode is enabled and neither tunneling nor extended mode are enabled, rreg value from IC Configuration Register 1 will be forced to zero. This will disable energy harvesting. Power Mode 2 In this case, the external supply is used to provide power to digital blocks, EEPROM, SPI / I²C pads and MCU. External supply VP_REG is not used. Since this mode can be enabled only after initialization of the chip, the /SS line must be either permanently set to low or pulled low for short time (400μs) to complete the initialization. This mode is specifically designed to operate with AS392x products (ams’ Active Boost). In this mode, the HF_PON threshold of the chip will be decreased so that it will operate with external voltage on LC pin in the range of 2.7-3.6Vpp. If this mode is enabled, AS3955 will not be turned off as long as there is an external supply present. Power Mode 3 In this case the external supply shall be used to provide power to digital blocks, EEPROM, SPI / I²C pads and MCU. External supply VP_REG is not used. Since this mode can be enabled only after initialization of the chip, the /SS line must be either permanently set to low or pulled low for short time to complete the initialization. In this mode, the HF_PON threshold of the chip is set so that it will operate with external voltage on LC pin in the range of 4.1-5Vpp. If this mode is enabled, AS3955 will not be turned off as long as there is an external power present. Interface Arbitration Concurrent access to AS3955 internal EEPROM from RF or SPI / I²C requires arbitration, to resolve conflicts or undesired behaviour. AS3955 implements two arbitration modes, which can be set in Configuration Byte IC_CFG0. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |