Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3955-ASWF-S2 Datasheet(PDF) 8 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 8 Page - ams AG

Back Button AS3955-ASWF-S2 Datasheet HTML 4Page - ams AG AS3955-ASWF-S2 Datasheet HTML 5Page - ams AG AS3955-ASWF-S2 Datasheet HTML 6Page - ams AG AS3955-ASWF-S2 Datasheet HTML 7Page - ams AG AS3955-ASWF-S2 Datasheet HTML 8Page - ams AG AS3955-ASWF-S2 Datasheet HTML 9Page - ams AG AS3955-ASWF-S2 Datasheet HTML 10Page - ams AG AS3955-ASWF-S2 Datasheet HTML 11Page - ams AG AS3955-ASWF-S2 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 111 page
background image
Page 8
ams Datasheet
Document Feedback
[v1-01] 2015-Apr-29
AS3955 − Absolute Maximum R atings
Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any
other conditions beyond those indicated under Operating
Conditions is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
Figure 6:
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Comments
Electrical Parameters
VDD
DC supply voltage
-0.5
6.5
V
Vin
Input pin voltage except LC1
and LC2
-0.5
6.5
V
Input pin voltage pins LC1 and
LC2
-0.5
6.5
V
Peak current induced on pins
LC1 and LC2
100
mA
Iscr
Input current (latch-up
immunity)
-100
100
mA
Norm: Jedec 78
Electrostatic Discharge
ESDHBM
Electrostatic Discharge HBM
±2
kV
Norm: MIL 883 E method 3015
(Human Body Model)
ESDCDM
ESD – Machine and Charged
Device Models
±500
V
Temperature Ranges and Storage Conditions
Tstrg
Storage temperature
-55
150
°C
Tbody
Package body temperature
260
°C
Norm: IPC/JEDEC J-STD-020. The
reflow peak soldering
temperature (body temperature)
is specified according IPC/JEDEC
J-STD-020 “Moisture/Reflow
Sensitivity Classification for
Non-hermetic Solid State Surface
Mount Devices.” The lead finish
for Pb-free leaded packages is
matte tin (100% Sn).
RHNC
Relative Humidity
non-condensing
585
%
MSL
Moisture Sensitivity Level
3
Represents a max. floor life time
of 168h
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com