Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3955-ASWF-S2 Datasheet(PDF) 1 Page - ams AG

Part # AS3955-ASWF-S2
Description  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3955-ASWF-S2 Datasheet(HTML) 1 Page - ams AG

  AS3955-ASWF-S2 Datasheet HTML 1Page - ams AG AS3955-ASWF-S2 Datasheet HTML 2Page - ams AG AS3955-ASWF-S2 Datasheet HTML 3Page - ams AG AS3955-ASWF-S2 Datasheet HTML 4Page - ams AG AS3955-ASWF-S2 Datasheet HTML 5Page - ams AG AS3955-ASWF-S2 Datasheet HTML 6Page - ams AG AS3955-ASWF-S2 Datasheet HTML 7Page - ams AG AS3955-ASWF-S2 Datasheet HTML 8Page - ams AG AS3955-ASWF-S2 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 111 page
background image
ams Datasheet
Page 1
[v1-01] 2015-Apr-29
Document Feedback
AS3955
NFC Forum Compliant Dynamic Tag
AS3955 NFC Dynamic Tag IC is the ultimate solution to easily
add NFC functionality to electronic devices. Thanks to a high
sensitivity ISO14443A frontend and high integrated resonance
capacitor, AS3955 offers standalone NFC passive tag
functionality in a small footprint. Fast system integration and
high speed data transfer are guaranteed by the available SPI
and I²C interfaces and by the optimized protocols (Tunneling
Mode and Extended Mode), allowing bidirectional
communication between the device microcontroller and an
external NFC compliant device or ISO14443A reader device
(PCD).
AS3955 is able to operate fully powered by the RF field, without
any external supply. This, combined with an advanced energy
harvesting feature, greatly increases battery life time or even
allows battery-less designs.
AS3955 is used with an appropriate antenna coil connected to
the terminals LC1 and LC2, and behaves as a standard passive
ISO 14443A tag (PICC). After the anti-collision protocol stage,
based on configuration, AS3955 can operate as a standalone
NFC Forum Type 2 Tag or, when tunneling mode is activated, as
a bridge between the PCD and the microcontroller, e.g. to
emulate a custom or standard ISO14443A Level 3 or Level 4 PICC
or a NFC Forum tag. A configurable wake-up signal notifies the
microcontroller on ongoing RF activities, in order to minimize
overall power consumption.
AS3955 includes an embedded EEPROM memory that can be
accessed from the PCD through the RF link or from the
microcontroller through the SPI or I²C interfaces. Part or all
memory can be protected by a 32-bit password, or permanently
locked.
AS3955 supports ISO 14443A up to Level 4 and is designed
according to EMVCo requirements, to enable the emulation of
contactless smart cards or NFC Forum compliant Type 2 or Type
4 Tags.
AS3955 is designed for high reliability, and can operate in a wide
power supply range from 1.65V to 5.5V, in a wide temperature
range from -40 °C to 125 °C. EEPROM memory reaches
automotive grade quality with endurance of 100,000 cycles and
data retention of 10 years at 125 °C.
Ordering Information and Content Guide appear at end of
datasheet.
General Description


Similar Part No. - AS3955-ASWF-S2

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
More results

Similar Description - AS3955-ASWF-S2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NT2H1311G0DUF NXP-NT2H1311G0DUF Datasheet
1Mb / 58P
NFC Forum Type 2 Tag compliant IC with 144/504/888 bytes user memory
Rev. 3.0-24 July 2013
logo
STMicroelectronics
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
17-Apr-2015
logo
NXP Semiconductors
NT3H2111W0FTTJ NXP-NT3H2111W0FTTJ Datasheet
2Mb / 77P
NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
NT3H2211W0FHKH NXP-NT3H2211W0FHKH Datasheet
2Mb / 77P
NTAG I2C plus, NFC Forum Type 2 Tag compliant IC with I2C interface
Rev. 3.0-3 February 2016
logo
STMicroelectronics
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
logo
NXP Semiconductors
NTAG210 NXP-NTAG210 Datasheet
1,001Kb / 46P
NFC Forum Type 2 Tag compliant IC with 48/128 bytes user memory
Rev. 3.0-14 March 2013
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
NXP Semiconductors
NCX3310 NXP-NCX3310 Datasheet
1Mb / 2P
NFC Forum-compliant Tag IC with I2C for Automotive
REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com