Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP159RSB Datasheet(PDF) 17 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # DP159RSB
Description  DP159RSB Evaluation Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DP159RSB Datasheet(HTML) 17 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button DP159RSB Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
RSTIn
X1
X2
BOARD_3P3V
BOARD_3P3V
BOARD_3P3V
BOARD_3P3V
BOARD_3P3V
+1V8
USB_5V
+1V8
BOARD_3P3V
SCL_CTL_USB
PAGE5
SDA_CTL_USB
PAGE5
C40
0.1uF
R96
33
R99
1K
0402
5%
R92
DNI
C41
0.01uF
R93
DNI
R94
1.5K
C42
0.01uF
U7
TUSB3410
RESET
9
DP0
6
DM0
7
PUR
5
SUSP
2
X2
26
X1/CLKI
27
TEST0
23
TEST1
24
VREGEN
1
DTR
21
RTS
20
SOUT/IR_SOUT
19
SIN/IR_SIN
17
RI/CP
16
DCD
15
DSR
14
CTS
13
P3_0
32
P3_1
31
P3_3
30
SDA
10
SCL
11
P3_4
29
CLKOUT
22
WAKEUP
12
JP1
1
2
R121
1K
0402
5%
C49
22pF
C59
0.1uF
R101
1K
C50
33pF
C51
33pF
R102
10K
0402
5%
C46
0.1uF
U16
TPD2E001
VCC
1
NC
2
GND
4
R122
0
C60
0.1uF
U8
24LC256
Vcc
8
SDA
5
A0
1
A1
2
A2
3
Vss
4
SCL
6
WP
7
C47
0.01uF
R103
15K
0402
5%
Y1
12 MHz
1
3
2
4
C39
2.2uF
R98
10K
0402
5%
R95
33
R100
1K
0402
5%
J13
USB Micro B
VBUS
1
DM
2
DP
3
GND
5
S1
6
S2
7
ID
4
S3
8
S4
9
S5
10
S6
11
C52
1 uF
C45
22pF
www.ti.com
EVM Schematics
Figure 11. TUSB3410
17
SLLU224A – August 2015 – Revised October 2015
DP159RSB Evaluation Module
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com