Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP159RSB Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # DP159RSB
Description  DP159RSB Evaluation Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DP159RSB Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  DP159RSB Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Hardware Description
www.ti.com
2.1
Video Connectors for DP159 Ports
The EVM has a DP connection for the source and a HDMI connection for the sink. J2 is a standard DP
connector (Molex 47272-0001). P2 is a standard HDMI connector (Molex 4715-10001). There is a third
video connection on the board for a HDMI source (P1), this function is not installed on the
DP159RSBEVM.
2.2
Enable/Reset
There are three device enable/reset options to use with the EVM:
(A) Supervisor circuitry option
This is the default configuration on the DP159RSBEVM. The enable (EN) signal is held low until the
power good (PG) from the 3.3-V voltage regulator reaches a stable high-voltage level then released
high.
(B) RC timing option
C26 external capacitor and internal resistor are used to control the EN ramp time after the device is
powered on. C26 is a Do Not Install (DNI option) by default. C26 needs to be installed and R77 needs
to be uninstalled to enable this option.
(C) External control option
A push button (SW1) is provided for manual control of the DP159’s EN/OE input.
2.3
Power
A DC power jack (J9) to accept a 5-V wall power adapter is provided on the EVM. The DC power jack
(CUI Inc. PJ-202AH) has an inner diameter of 2.1 mm and an outer diameter of 5.5 mm. The tip of the +5-
V power supply must be positive. A +5-V power supply of at least 1.5 A that meets the given requirements
can be used to power the DP159RSBEVM. Power is provided to the EVM from the 5-V wall power adapter
when SW2 is set to position 1.
CAUTION
Care should be taken to not plug in any power source higher than the
configured voltage (5 V).
Alternately, it is possible to power the EVM by connecting a USB Micro cable from J13 to a USB host and
setting SW2 to position 3.
4
DP159RSB Evaluation Module
SLLU224A – August 2015 – Revised October 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com