Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP159RSB Datasheet(PDF) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # DP159RSB
Description  DP159RSB Evaluation Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

DP159RSB Datasheet(HTML) 6 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button DP159RSB Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS DP159RSB Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Hardware Description
www.ti.com
2.5
Component Population Configuration
To allow the DP159RSBEVM to support both the default DP input as well as a HDMI test input, there are
many components that need to be removed, placed, or modified depending on the board configuration.
Here’s a summary of the default component configuration for the DP159RSBEVM. In addition, the unused
HDMI receptacle is depopulated.
Function
Reference Designator
DP159RSBEVM
Differential Pair - IN
C11, C12, C13, C14, C15, C16, C24,
populated with 0.1 µF
C25
Differential Pair - HDMI IN
R14, R15, R18, R19, R20, R21, R22,
not populated
R23
SDA / SCL - HDMI
R16, R17, R24, R25, R134, R135
not populated
Differential Pair - DP IN
R112, R109, R111, R108, R110, R107,
populated with 0
Ω
R106, R105
SDA / SCL / HPD - DP
R33, R31, R32 (R126, R136, R140,
populated with 0
Ω
R141 - snoop)
Pullup Differential Pair HDMI IN
R1, R2, R3, R4, R6, R7, R8, R9
populated, but not
connected
2.5.1
HPD Snoop Option
To accommodate systems that do not properly resend DDC commands after HPD goes low, we have
implemented a HPD snoop mode on the DP159RSBEVM. This mode allows the HPD line to be routed
around the DP159, but remain connected to the DP159 on the sink side to allow the DP159 to snoop its
state. This snoop mode is disabled by default on the DP159RSBEVMs.
•
Pop R131, no pop R129, R130, R139 for HPD on
•
No pop R131, pop R129, R130, R139 for HPD snoop only
2.5.2
DDC Snoop Option – not Available for DP159RSB REV B
To accommodate systems that do not properly support clock stretching on the DDC lines, we have
implemented a snoop mode on the DP159RSBEVM. This mode allows the DDC lines to be routed around
the DP159RSB, but remain connected to the DP159RSB on the sink side to allow the DP159RSB to
snoop the DDC traffic. This snoop mode is disabled by default on the DP159RSB REV B1 EVMs.
•
Pop R126, R136, R140, R141. No pop R31, R32 – DP159RSB, DDC snoop only
•
Pop R31, R32. No pop R126, R136, R140, R141- DP159RSB, DDC on
2.6
Local I
2C Access Through J5
Access to DP159’s local I
2C signals is provided via the J5 input connector. Note that I2C signal levels
should be at 3.3 V when I
2C interface is accessed through the connector.
A standalone external I
2C host can be connected via J5 for debug and control purposes. An example of an
external I
2C Host controller is the Total Phase Aardvark™ I2C/SPI Host Adapter (Total Phase Part#:
TP240141). Sample scripts for this I
2C Host controller are provided by request.
Table 2. Aardvark I
2C (J5) Pin-Out
J5 pin #
Description
J5 pin
Description
#
1
SCL_CTL
2
GND
3
SDA_CTL
4
NC
5
NC
6
NC
7
NC
8
NC
9
NC
10
GND
6
DP159RSB Evaluation Module
SLLU224A – August 2015 – Revised October 2015
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com