| Electronic Components Datasheet Search |
|
DP159RSB Datasheet(PDF) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
DP159RSB Datasheet(HTML) 7 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
7 / 26 page ![]() www.ti.com Hardware Description Table 3. DP159 Target I 2C Address(1) DP159 I 2C Target Address Bit 7 (MSB) Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 (W/R) A6 A5 A4 A3 A2 A1 A0 1 0 1 1 1 1 0 0/1 (1) The target I 2C address for DP159 can be modified by the EVM jumper settings. 2.7 Local I 2C Access Through USB Interface via TUSB3410 Access to DP159’s local I 2C signals is also provided through the TUSB3410 on the DP159RSBEVM using a USB TI Utility called Eye Scan. To use the utility: • Install the Eye Scan software from Texas Instruments • J6 must be set to SDA – SDA_USB • J4 must be set to SCL – SCL_USB • Attach USB micro cable to J13 and to the host computer NOTE: The USB connection should be made prior to installing any DP or HDMI cables. • Start the Eye Scan software Figure 3 shows the Register Status / Control tab. Figure 3. Register Status / Control Tab Confirm that the SN65DP149/159/TMDS171/181 Interface is present and selected at the top. If it is not, check the USB connection and confirm that the driver is loaded in Device Manager. It may take a moment for the USB driver to load, if the DP159RSB does not appear, hit the Refresh button. This tab can be used to read and write the status and control registers of the device. Figure 4 shows the Eye Scan tab. 7 SLLU224A – August 2015 – Revised October 2015 DP159RSB Evaluation Module Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |