Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1166 Datasheet(PDF) 41 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 41 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 37Page - Microchip Technology CAP1166 Datasheet HTML 38Page - Microchip Technology CAP1166 Datasheet HTML 39Page - Microchip Technology CAP1166 Datasheet HTML 40Page - Microchip Technology CAP1166 Datasheet HTML 41Page - Microchip Technology CAP1166 Datasheet HTML 42Page - Microchip Technology CAP1166 Datasheet HTML 43Page - Microchip Technology CAP1166 Datasheet HTML 44Page - Microchip Technology CAP1166 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 79 page
background image
CAP1166
DS00001621B-page 41
 2015 Microchip Technology Inc.
6.10
Averaging and Sampling Configuration Register
The Averaging and Sampling Configuration register controls the number of samples taken and the total sensor input
cycle time for all active sensor inputs while the device is functioning in Active state.
Bits 6 - 4 - AVG[2:0] - Determines the number of samples that are taken for all active channels during the sensor cycle
as shown in Table 6-18. All samples are taken consecutively on the same channel before the next channel is sampled
and the result is averaged over the number of samples measured before updating the measured results.
For example, if CS1, CS2, and CS3 are sampled during the sensor cycle, and the AVG[2:0] bits are set to take 4 samples
per channel, then the full sensor cycle will be: CS1, CS1, CS1, CS1, CS2, CS2, CS2, CS2, CS3, CS3, CS3, CS3.
Bits 3 - 2 - SAMP_TIME[1:0] - Determines the time to take a single sample as shown in Table 6-19.
Bits 1 - 0 - CYCLE_TIME[1:0] - Determines the overall cycle time for all measured channels during normal operation as
shown in Table 6-20. All measured channels are sampled at the beginning of the cycle time. If additional time is remain-
ing, then the device is placed into a lower power state for the remaining duration of the cycle.
TABLE 6-17:
AVERAGING AND SAMPLING CONFIGURATION REGISTER
ADDR
R/W
Register
B7
B6
B5
B4
B3
B2
B1
B0
Default
24h
R/W
Averaging and
Sampling Config
AVG[2:0]
SAMP_TIME[1:0]
CYCLE_TIME
[1:0]
39h
TABLE 6-18:
AVG BIT DECODE
AVG[2:0]
Number of Samples Taken per
Measurement
21
0
00
0
1
00
1
2
01
0
4
0
1
1
8 (default)
10
0
16
10
1
32
11
0
64
1
1
1
128
TABLE 6-19:
SAMP_TIME BIT DECODE
SAMP_TIME[1:0]
Sample Time
10
0
0
320us
0
1
640us
1
0
1.28ms (default)
1
1
2.56ms
TABLE 6-20:
CYCLE_TIME BIT DECODE
CYCLE_TIME[1:0]
Overall Cycle Time
10
00
35ms
0
1
70ms (default)
1
0
105ms
1
1
140ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com