Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1166 Datasheet(PDF) 74 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 74 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 70Page - Microchip Technology CAP1166 Datasheet HTML 71Page - Microchip Technology CAP1166 Datasheet HTML 72Page - Microchip Technology CAP1166 Datasheet HTML 73Page - Microchip Technology CAP1166 Datasheet HTML 74Page - Microchip Technology CAP1166 Datasheet HTML 75Page - Microchip Technology CAP1166 Datasheet HTML 76Page - Microchip Technology CAP1166 Datasheet HTML 77Page - Microchip Technology CAP1166 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 74
CAP1166
APPENDIX B:
DATA SHEET REVISION HISTORY
Revision
Section/Figure/Entry
Correction
DS00001621B (02-09-15)
Features, Table 2-1, Table 2-
2, "Pin Types", Section 5.0,
"General Description"
References to BC-Link Interface, BC_DATA, BC_-
CLK, BC-IRQ#, BC-Link bus have been removed
Application Note under Table
2-6
[BC-Link] hidden in data sheet
Table 3-2, "Electrical Specifi-
cations"
BC-Link Timing Section hidden in data sheet
Table 4-1
Protocol Used for 68K Pull Down Resistor changed
from “BC-Link Communications” to “Reserved”
Section 4.2.2, "SMBus
Address and RD / WR Bit"
Replaced “client address” with “slave address” in this
section.
Section 4.2.4, SMBus ACK
and NACK Bits, Section 4.2.5,
SMBus Stop Bit,Section 4.2.7,
SMBus and I2C Compatibility
Replaced “client” with “slave” in these sections.
Table 4-4, "Read Byte Proto-
col"
Heading changed from “Client Address” to “Slave
Address”
Table 6-1
Register Name for Register Address 77h changed
from “LED Linked Transition Control” to “Linked LED
Transition Control”
Section 6.30
changed CS6 to LED6
Table 6-53
Modified B3 bit name
Section 7.7 Package Marking
Updated package drawing
Appendix A: Device Delta
changed 2Dh to 2Fh in item #12
Product Identification System
Removed BC-Link references
REV A
REV A replaces previous SMSC version Rev. 1.32 (01-05-12)
Rev. 1.32 (01-05-12)
Table 3-2, "Electrical Specifi-
cations"
Added conditions for tHD:DAT.
Section 4.2.7, "SMBus and
I2C Compatibility"
Renamed from “SMBus and I2C Compliance.”
First paragraph, added last sentence: “For informa-
tion on using the CAP1188 in an I2C system, refer to
SMSC AN 14.0 SMSC Dedicated Slave Devices in
I2C Systems.”
Added: CAP1188 supports I2C fast mode at 400kHz.
This covers the SMBus max time of 100kHz.
Section 6.4, "Sensor Input
Delta Count Registers"
Changed negative value cap from FFh to 80h.
Rev. 1.31 (08-18-11)
Section 4.3.3, "SMBus Send
Byte"
Added an application note: The Send Byte protocol
is not functional in Deep Sleep (i.e., DSLEEP bit is
set).
Section 4.3.4, "SMBus
Receive Byte"
Added an application note: The Receive Byte proto-
col is not functional in Deep Sleep (i.e., DSLEEP bit
is set).
Rev. 1.3 (05-18-11)
Section 6.42, "Revision Reg-
ister"
Updated revision ID from 82h to 83h.
Rev. 1.2 (02-10-11)
Section A.8, "Delta from Rev
B (Mask B0) to Rev C (Mask
B1)"
Added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com