Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1166 Datasheet(PDF) 64 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 64 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 60Page - Microchip Technology CAP1166 Datasheet HTML 61Page - Microchip Technology CAP1166 Datasheet HTML 62Page - Microchip Technology CAP1166 Datasheet HTML 63Page - Microchip Technology CAP1166 Datasheet HTML 64Page - Microchip Technology CAP1166 Datasheet HTML 65Page - Microchip Technology CAP1166 Datasheet HTML 66Page - Microchip Technology CAP1166 Datasheet HTML 67Page - Microchip Technology CAP1166 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 64
CAP1166
6.39
Sensor Input Calibration Registers
The Sensor Input Calibration registers hold the 10-bit value that represents the last calibration value.
TABLE 6-65:
OFF DELAY DECODE
OFF Delay[3:0] Bit Decode
OFF Delay (tOFF_DLY)
32
1
0
00
0
0
0
0
0
0
1
250ms
0
0
1
0
500ms
0
0
1
1
750ms
01
0
0
1s
01
0
1
1.25s
0
1
1
0
1.5s
01
1
1
2s
1
0
0
0
2.5s
1
0
0
1
3.0s
1
0
1
0
3.5s
1
0
1
1
4.0s
1
1
0
0
4.5s
All others
5.0s
TABLE 6-66:
SENSOR INPUT CALIBRATION REGISTERS
ADDR
Register
R/W
B7
B6
B5
B4
B3
B2
B1
B0
Default
B1h
Sensor Input 1
Calibration
R
CAL1_9
CAL1_8
CAL1_7
CAL1_6
CAL1_5
CAL1_4
CAL1_3
CAL1_2
00h
B2h
Sensor Input 2
Calibration
R
CAL2_9
CAL2_8
CAL2_7
CAL2_6
CAL2_5
CAL2_4
CAL2_3
CAL2_2
00h
B3h
Sensor Input 3
Calibration
R
CAL3_9
CAL3_8
CAL3_7
CAL3_6
CAL3_5
CAL3_4
CAL3_3
CAL3_2
00h
B4h
Sensor Input 4
Calibration
R
CAL4_9
CAL4_8
CAL4_7
CAL4_6
CAL4_5
CAL4_4
CAL4_3
CAL4_2
00h
B5h
Sensor Input 5
Calibration
R
CAL5_9
CAL5_8
CAL5_7
CAL5_6
CAL5_5
CAL5_4
CAL5_3
CAL5_2
00h
B6h
Sensor Input 6
Calibration
R
CAL6_9
CAL6_8
CAL6_7
CAL6_6
CAL6_5
CAL6_4
CAL6_3
CAL6_2
00h
B9h
Sensor Input
Calibration LSB
1
R
CAL4_1
CAL4_0
CAL3_1
CAL3_0
CAL2_1
CAL2_0
CAL1_1
CAL1_0
00h
BAh
Sensor Input
Calibration LSB
2
R
-
-
-
-
CAL6_1
CAL6_0
CAL5_1
CAL5_0
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com