Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAP1166 Datasheet(PDF) 8 Page - Microchip Technology

Part # CAP1166
Description  6 Channel Capacitive Touch Sensor with 6 LED Drivers
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1166 Datasheet(HTML) 8 Page - Microchip Technology

Back Button CAP1166 Datasheet HTML 4Page - Microchip Technology CAP1166 Datasheet HTML 5Page - Microchip Technology CAP1166 Datasheet HTML 6Page - Microchip Technology CAP1166 Datasheet HTML 7Page - Microchip Technology CAP1166 Datasheet HTML 8Page - Microchip Technology CAP1166 Datasheet HTML 9Page - Microchip Technology CAP1166 Datasheet HTML 10Page - Microchip Technology CAP1166 Datasheet HTML 11Page - Microchip Technology CAP1166 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
 2015 Microchip Technology Inc.
DS00001621B-page 8
CAP1166
APPLICATION NOTE: When the ALERT# pinis configured as an active low output, it will be open drain. When it is
configured as an active high output, it will be push-pull.
APPLICATION NOTE: For the 5V tolerant pins that have a pull-up resistor, the pull-up voltage must not exceed 3.6V
when the CAP1166 is unpowered.
APPLICATION NOTE: The SPI_CS# pin should be grounded when SMBus, or I2C,communications are used.
The pin types are described in Table 2-2. All pins labeled with (5V) are 5V tolerant.
11
17
ALERT#
ALERT# - Active low alert / interrupt output for SMBus
alert or SPI interrupt
- requires pull-up resistor (default)
OD (5V)
Connect to
GND
ALERT# - Active high push-pull alert / interrupt output
for SMBus alert or SPI interrupt
DO
High-Z
12
18
ADDR_
COMM
Address / communications select pin - pull-down resis-
tor determines address / communications mechanism
AI
n/a
13
19
CS6
Capacitive Touch Sensor Input 6
AIO
Connect to
Ground
14
20
CS5
Capacitive Touch Sensor Input 5
AIO
Connect to
Ground
15
21
CS4
Capacitive Touch Sensor Input 4
AIO
Connect to
Ground
16
22
CS3
Capacitive Touch Sensor Input 3
AIO
Connect to
Ground
17
23
CS2
Capacitive Touch Sensor Input 2
AIO
Connect to
Ground
18
24
CS1
Capacitive Touch Sensor Input 1
AIO
Connect to
Ground
19
1
VDD
Positive Power supply
Power
n/a
20
1
RESET
Active high soft reset for system - resets all registers to
default values. If not used, connect to ground.
DI (5V)
Connect to
Ground
Bottom Pad
12
GND
Ground
Power
n/a
14
GND
Ground
Power
n/a
TABLE 2-1:
PIN DESCRIPTION FOR CAP1166 (CONTINUED)
Pin
Number
(QFN 20)
Pin
Number
(SSOP 24)
Pin Name
Pin Function
Pin Type
Unused
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com