Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 272 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 272 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 268Page - Microchip Technology MEC1322 Datasheet HTML 269Page - Microchip Technology MEC1322 Datasheet HTML 270Page - Microchip Technology MEC1322 Datasheet HTML 271Page - Microchip Technology MEC1322 Datasheet HTML 272Page - Microchip Technology MEC1322 Datasheet HTML 273Page - Microchip Technology MEC1322 Datasheet HTML 274Page - Microchip Technology MEC1322 Datasheet HTML 275Page - Microchip Technology MEC1322 Datasheet HTML 276Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 456 page
background image
MEC1322
DS00001719D-page 272
 2014 - 2015 Microchip Technology Inc.
22.0 SMBUS INTERFACE
22.1
Introduction
The MEC1322 SMBus Interface includes one instance of the SMBus controller core. This chapter describes aspects of
the SMBus Interface that are unique to the MEC1322 instantiations of this core; including, Power Domain, Resets,
Clocks, Interrupts, Registers and the Physical Interface. For a General Description, Features, Block Diagram, Func-
tional Description, Registers Interface and other core-specific details, see
Ref [1] (note: in this chapter, italicized text
typically refers to SMBus controller core interface elements as described in Ref [1]).
22.2
References
1.
SMBus Controller Core Interface, Revision 3.4, Core-Level Architecture Specification, SMSC, 7/16/12
22.3
Terminology
There is no terminology defined for this chapter.
22.4
Interface
This block is designed to be accessed externally via the pin interface and internally via a registered host interface. In
addition, this block is equipped with
22.5
Signal Description
The Signal Description Table lists the signals that are typically routed to the pin interface.
FIGURE 22-1:
I/O DIAGRAM OF BLOCK
TABLE 22-1:
SIGNAL DESCRIPTION TABLE
Name
Direction
Description
SMB_DAT0
Input/Output
SMBus Data Port 0
SMB_CLK0
Input/Output
SMBus Clock Port 0
SMB_DAT1
Input/Output
SMBus Data Port 1
SMB_CLK1
Input/Output
SMBus Clock Port 1
Note:
The SMB block signals that are shown in Table 22-1 are routed to the SMB pins as listed in Table 22-2.
Signal Description
SMBus Interface
Interrupts
Power, Clocks and Reset
Host Interface
DMA Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com