Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 275 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 275 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 271Page - Microchip Technology MEC1322 Datasheet HTML 272Page - Microchip Technology MEC1322 Datasheet HTML 273Page - Microchip Technology MEC1322 Datasheet HTML 274Page - Microchip Technology MEC1322 Datasheet HTML 275Page - Microchip Technology MEC1322 Datasheet HTML 276Page - Microchip Technology MEC1322 Datasheet HTML 277Page - Microchip Technology MEC1322 Datasheet HTML 278Page - Microchip Technology MEC1322 Datasheet HTML 279Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 275
MEC1322
23.0 PECI INTERFACE
23.1
Overview
The MEC1322 includes a PECI Interface to allow the EC to retrieve temperature readings from PECI-compliant
devices. The PECI Interface implements the PHY and Link Layer of a PECI host controller as defined in References[1]
and includes hardware support for the PECI 2.0 command set.
This chapter focuses on MEC1322 specific PECI Interface configuration information such as Power Domains, Clock
Inputs, Resets, Interrupts, and other chip specific information. For a functional description of the MEC1322 PECI Inter-
face refer to References [1].
23.2
References
1.
PECI Interface Core, Rev. 1.31, Core-Level Architecture Specification, SMSC Confidential, 4/15/11
23.3
Terminology
No terminology has been defined for this chapter.
23.4
Interface
This block is designed to be accessed externally via the pin interface and internally via a registered host interface.
23.5
Signal Description
The Signal Description Table lists the signals that are typically routed to the pin interface.
FIGURE 23-1:
PECI INTERFACE I/O DIAGRAM
TABLE 23-1:
SIGNAL DESCRIPTION TABLE
Name
Direction
Description
PECI_READY
Input
PECI Ready input pin
Note:
This signal is optional. If this signal is not on the pin inter-
face it is pulled high internally.
PECI_DAT
Input/Output
PECI Data signal pin
Note:
Routing guidelines for the PECI_DAT pin is provided in Intel Platform design guides. Refer to the appropri-
ate Intel document for current information. See Table 23-2.
PECI_READY
PECI_DAT
PECI Interface
Power, Clocks and Reset
Interrupts
Host Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com