Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 292 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 292 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 288Page - Microchip Technology MEC1322 Datasheet HTML 289Page - Microchip Technology MEC1322 Datasheet HTML 290Page - Microchip Technology MEC1322 Datasheet HTML 291Page - Microchip Technology MEC1322 Datasheet HTML 292Page - Microchip Technology MEC1322 Datasheet HTML 293Page - Microchip Technology MEC1322 Datasheet HTML 294Page - Microchip Technology MEC1322 Datasheet HTML 295Page - Microchip Technology MEC1322 Datasheet HTML 296Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 456 page
background image
MEC1322
DS00001719D-page 292
 2014 - 2015 Microchip Technology Inc.
2.
Using RPM based Fan Control Algorithm - in this mode of operation, the user determines a target tachometer
reading and the drive setting is automatically updated to achieve this target speed.
26.8.3
RPM BASED FAN CONTROL ALGORITHM
The RPM-PWM Interface includes an RPM based Fan Control Algorithm.
The fan control algorithm uses Proportional, Integral, and Derivative terms to automatically approach and maintain the
system’s desired fan speed to an accuracy directly proportional to the accuracy of the clock source. Figure 26-2, "RPM
based Fan Control Algorithm" shows a simple flow diagram of the RPM based Fan Control Algorithm operation.
The desired tachometer count is set by the user inputting the desired number of 32.768KHz cycles that occur per fan
revolution. The user may change the target count at any time. The user may also set the target count to FFh in order to
disable the fan driver.
For example, if a desired RPM rate for a 2-pole fan is 3000 RPMs, the user would input the hexadecimal equivalent of
1312d (52_00h in the TACH Target Registers). This number represents the number of 32.768KHz cycles that would
occur during the time it takes the fan to complete a single revolution when it is spinning at 3000RPMs (see Section
26.9.11, "TACH Target Register" and Section 26.9.12, "TACH Reading Register").
The RPM-PWM Interface’s RPM based Fan Control Algorithm has programmable configuration settings for parameters
such as ramp-rate control and spin up conditions. The fan driver automatically detects and attempts to alleviate a
stalled/stuck fan condition while also asserting the interrupt signal. The RPM-PWM Interface works with fans that oper-
ate up to 16,000 RPMs and provide a valid tachometer signal. The fan controller will function either with an externally
supplied 32.768KHz clock source or with its own internal 32KHz oscillator depending on the required accuracy.
TABLE 26-6:
FAN CONTROLS ACTIVE FOR OPERATING MODE
Manual Mode
Algorithm
Fan Driver Setting (read / write)
Fan Driver Setting (read only)
EDGES[1:0] (Fan Configuration)
EDGES[1:0] (Fan Configuration)
UPDATE[2:0] (Fan configuration)
UPDATE[2:0] (Fan configuration)
LEVEL (Spin Up Configuration)
LEVEL (Spin Up Configuration)
SPINUP_TIME[1:0] (Spin Up Configuration)
SPINUP_TIME[1:0] (Spin Up Configuration)
Fan Step
Fan Step
-
Fan Minimum Drive
Valid TACH Count
Valid TACH Count
-
TACH Target
TACH Reading
TACH Reading
RANGE[2:0] (Fan Configuration 2)
RANGE[2:0] (Fan Configuration 2)
-
DRIVE_FAIL_CNT[2:0] (Spin Up Config) and
Drive Fail Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com