Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 293 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 293 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 289Page - Microchip Technology MEC1322 Datasheet HTML 290Page - Microchip Technology MEC1322 Datasheet HTML 291Page - Microchip Technology MEC1322 Datasheet HTML 292Page - Microchip Technology MEC1322 Datasheet HTML 293Page - Microchip Technology MEC1322 Datasheet HTML 294Page - Microchip Technology MEC1322 Datasheet HTML 295Page - Microchip Technology MEC1322 Datasheet HTML 296Page - Microchip Technology MEC1322 Datasheet HTML 297Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 293
MEC1322
FIGURE 26-2:
RPM BASED FAN CONTROL ALGORITHM
26.8.3.1
Programming the RPM Based Fan Control Algorithm
The RPM based Fan Control Algorithm powers-up disabled. The following registers control the algorithm. The RPM-
PWM Interface fan control registers are pre-loaded with defaults that will work for a wide variety of fans so only the TACH
Target Register is required to set a fan speed. The other fan control registers can be used to fine-tune the algorithm
behavior based on application requirements.
1.
Set the Valid TACH Count Register to the minimum tachometer count that indicates the fan is spinning.
2.
Set the Spin Up Configuration Register to the spin up level and Spin Time desired.
3.
Set the Fan Step Register to the desired step size.
4.
Set the Fan Minimum Drive Register to the minimum drive value that will maintain fan operation.
5.
Set the Update Time, and Edges options in the Fan Configuration Register.
6.
Set the TACH Target Register to the desired tachometer count.
7.
Enable the RPM based Fan Control Algorithm by setting the EN_ALGO bit.
Set TACH Target
Count
Measure Fan Speed
Perform Spin Up
Routine
Maintain Fan Drive
Ramp Rate Control
Reduce Fan Drive
Increase Fan Drive
Spin Up
Required
?
TACH
Reading=
TACH
Target?
TACH
Reading <
TACH
Target?
Yes
No
No
No
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com