Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 379 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 379 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 375Page - Microchip Technology MEC1322 Datasheet HTML 376Page - Microchip Technology MEC1322 Datasheet HTML 377Page - Microchip Technology MEC1322 Datasheet HTML 378Page - Microchip Technology MEC1322 Datasheet HTML 379Page - Microchip Technology MEC1322 Datasheet HTML 380Page - Microchip Technology MEC1322 Datasheet HTML 381Page - Microchip Technology MEC1322 Datasheet HTML 382Page - Microchip Technology MEC1322 Datasheet HTML 383Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 379
MEC1322
35.8.1
AHB ERROR CONTROL
35.8.2
INTERRUPT CONTROL
TABLE 35-4:
RUNTIME REGISTER SUMMARY
Offset
Register Name
04h
MCHP Reserved
08h
MCHP Reserved
0Ch
MCHP Reserved
10h
MCHP Reserved
14h
AHB Error Control
18h
Interrupt Control
1Ch
ETM TRACE Enable
20h
JTAG Enable
24h
MCHP Reserved
28h
WDT Event Count
2Ch
MCHP Reserved
30h
MCHP Reserved
34h
MCHP Reserved
38h
ADC VREF PD
3Ch
MCHP Reserved
40h
MCHP Reserved
Offset
14h
Bits
Description
Type
Default
Reset
Event
7:1 Reserved
R
-
-
0 AHB_ERROR_DISABLE
0: EC memory exceptions are enabled.
1: EC memory exceptions are disabled.
RW
0h
VCC1_R
ESET
Offset
18h
Bits
Description
Type
Default
Reset
Event
31:1 Reserved
R
-
-
0 NVIC_EN
This bit enables Alternate NVIC IRQ’s Vectors. The Alternate NVIC
Vectors provides each interrupt event with a dedicated (direct) NVIC
vector.
0 = Alternate NVIC vectors disabled
1= Alternate NVIC vectors enabled
R/W
1b
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com