Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 378 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 378 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 374Page - Microchip Technology MEC1322 Datasheet HTML 375Page - Microchip Technology MEC1322 Datasheet HTML 376Page - Microchip Technology MEC1322 Datasheet HTML 377Page - Microchip Technology MEC1322 Datasheet HTML 378Page - Microchip Technology MEC1322 Datasheet HTML 379Page - Microchip Technology MEC1322 Datasheet HTML 380Page - Microchip Technology MEC1322 Datasheet HTML 381Page - Microchip Technology MEC1322 Datasheet HTML 382Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 456 page
background image
MEC1322
DS00001719D-page 378
 2014 - 2015 Microchip Technology Inc.
35.0 EC SUBSYSTEM REGISTERS
35.1
Introduction
This chapter defines a bank of registers associated with the EC Subsystem.
35.2
References
None
35.3
Interface
This block is designed to be accessed internally by the EC via the register interface.
35.4
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
35.4.1
POWER DOMAINS
35.4.2
CLOCK INPUTS
This block does not require any special clock inputs. All register accesses are synchronized to the host clock.
35.4.3
RESETS
35.5
Interrupts
This block does not generate any interrupt events.
35.6
Low Power Modes
The EC Subsystem Registers may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry.
When this block is commanded to sleep it will still allow read/write access to the registers.
35.7
Description
The EC Subsystem Registers block is a block implemented for aggregating miscellaneous registers required by the
Embedded Controller (EC) Subsystem that are not unique to a block implemented in the EC subsystem.
35.8
EC-Only Registers
Note 35-1
The Base Address indicates where the first register can be accessed in a particular address space
for a block instance.
TABLE 35-1:
POWER SOURCES
Name
Description
VCC1
The EC Subsystem Registers are all implemented on this single power
domain.
TABLE 35-2:
RESET SIGNALS
Name
Description
VCC1_RESET
This reset signal, which is an input to this block, resets all the logic and
registers to their initial default state.
TABLE 35-3:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address (
Note 35-1)
EC_REG_BANK
0
EC
32-bit internal
address space
4000_FC00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com