Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 374 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 374 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 370Page - Microchip Technology MEC1322 Datasheet HTML 371Page - Microchip Technology MEC1322 Datasheet HTML 372Page - Microchip Technology MEC1322 Datasheet HTML 373Page - Microchip Technology MEC1322 Datasheet HTML 374Page - Microchip Technology MEC1322 Datasheet HTML 375Page - Microchip Technology MEC1322 Datasheet HTML 376Page - Microchip Technology MEC1322 Datasheet HTML 377Page - Microchip Technology MEC1322 Datasheet HTML 378Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 456 page
background image
MEC1322
DS00001719D-page 374
 2014 - 2015 Microchip Technology Inc.
33.11.4
ADC SINGLE REGISTER
The ADC Single Register is used to control which ADC channel is captured during a Single-Sample conversion cycle
initiated by the Start_Single bit in the ADC Control Register.
APPLICATION NOTE:
Do not change the bits in this register in the middle of a conversion cycle to insure proper
operation.
33.11.5
ADC REPEAT REGISTER
The ADC Repeat Register is used to control which ADC channels are captured during a repeat conversion cycle initiated
by the Start_Repeat bit in the ADC Control Register.
33.11.6
ADC CHANNEL READING REGISTERS
All 5 ADC channels return their results into a 32-bit reading register. In each case the low 10 bits of the reading register
return the result of the Analog to Digital conversion and the upper 22 bits return 0. Table 33-7, “Analog to Digital Con-
verter Register Summary,” on page 371 shows the addresses of all the reading registers.
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
31:5 RESERVED
RES
4:0 Single_En[4:0]
0: single cycle conversions for this channel are disabled
1: single cycle conversions for this channel are enabled
Each bit in this field enables the corresponding ADC channel when a
single cycle of conversions is started when the Start_Single bit in the
ADC Control Register is written with a 1.
R/W
00h
VCC1_R
ESET
Offset
10h
Bits
Description
Type
Default
Reset
Event
31:5
RESERVED
RES
4:0
Rpt_En[4:0]
0: repeat conversions for this channel are disabled
1: repeat conversions for this channel are enabled
Each bit in this field enables the corresponding ADC channel for
each pass of the Repeated ADC Conversion that is controlled by bit
Start_Repeat in the ADC Control Register.
R/W
00h
VCC1_R
ESET
Note:
The ADC Channel Reading Registers access require single 16, or 32 bit reads; i.e., two 8 bit reads cannot
ensure data coherency.
Offset
See Table 33-7, "Analog to Digital Converter Register Summary"
Bits
Description
Type
Default
Reset
Event
31:10 RESERVED
RES
9:0 ADCx_[9:0]
This read-only field reports the 10-bit output reading of the Input
ADCx.
R/W
000h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com