Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 371 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 371 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 367Page - Microchip Technology MEC1322 Datasheet HTML 368Page - Microchip Technology MEC1322 Datasheet HTML 369Page - Microchip Technology MEC1322 Datasheet HTML 370Page - Microchip Technology MEC1322 Datasheet HTML 371Page - Microchip Technology MEC1322 Datasheet HTML 372Page - Microchip Technology MEC1322 Datasheet HTML 373Page - Microchip Technology MEC1322 Datasheet HTML 374Page - Microchip Technology MEC1322 Datasheet HTML 375Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 371
MEC1322
• After all channels enabled by Rpt_En[4:0] are complete, Repeat_Done_Status will be set to 1. This status bit is
cleared when the next repeating conversion cycle begins to give a reflection of when the conversion is in prog-
ress.
• As long as Start_Repeat is 1 the ADC will repeatedly begin conversion cycles with a period defined by
Repeat_Delay[15:0].
• If the delay period expires and a conversion cycle is already in progress because Start_Single was written with a
1, the cycle in progress will complete, followed immediately by a conversion cycle using Rpt_En[4:0] to control the
channel conversions.
33.10.2
SINGLE MODE
• The Single Mode conversion cycle will begin without a delay. After all channels enabled by Single_En[4:0] are
complete, Single_Done_Status will be set to 1. When the next conversion cycle begins the bit is cleared.
•If Start_Single is written with a 1 while a conversion cycle is in progress because Start_Repeat is set, the conver-
sion cycle will complete, followed immediately by a conversion cycle using Single_En[4:0] to control the channel
conversions.
33.11 EC-Only Registers
The registers listed in the Table 33-7, "Analog to Digital Converter Register Summary" are for a single instance of the
Analog to Digital Converter block. The addresses of each register listed in this table are defined as a relative offset to
the host “Base Address” defined in Table 33-6, "Analog to Digital Converter Base Address Table".
Note 33-1
The Base Address indicates where the first register can be accessed in a particular address space
for a block instance.
TABLE 33-6:
ANALOG TO DIGITAL CONVERTER BASE ADDRESS TABLE
Instance Name
Instance
Number
Host
Address Space
Base Address (
Note 33-1)
ADC
0
EC
32-bit internal
address space
4000_7C00h
TABLE 33-7:
ANALOG TO DIGITAL CONVERTER REGISTER SUMMARY
Offset
Register Name (Mnemonic)
00h
ADC Control Register
04h
ADC Delay Register
08h
ADC Status Register
0Ch
ADC Single Register
10h
ADC Repeat Register
14h
ADC Channel 0 Reading Register
18h
ADC Channel 1 Reading Register
1Ch
ADC Channel 2 Reading Register
20h
ADC Channel 3 Reading Register
24h
ADC Channel 4 Reading Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com