Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 369 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 369 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 365Page - Microchip Technology MEC1322 Datasheet HTML 366Page - Microchip Technology MEC1322 Datasheet HTML 367Page - Microchip Technology MEC1322 Datasheet HTML 368Page - Microchip Technology MEC1322 Datasheet HTML 369Page - Microchip Technology MEC1322 Datasheet HTML 370Page - Microchip Technology MEC1322 Datasheet HTML 371Page - Microchip Technology MEC1322 Datasheet HTML 372Page - Microchip Technology MEC1322 Datasheet HTML 373Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 369
MEC1322
33.6
Host Interface
The registers defined for the Trace FIFO Debug Port are accessible by the various hosts as indicated in Section 33.11,
"EC-Only Registers".
33.7
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
33.7.1
POWER DOMAINS
33.7.2
CLOCK INPUTS
33.7.3
RESETS
33.8
Interrupts
33.9
Low Power Modes
The ADC may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry.
The ADC is designed to conserve power when it is either sleeping or disabled. It is disabled via the Activate Bit and
sleeps when the ADC_SLEEP_EN signal is asserted. The sleeping state only controls clocking in the ADC and does
not power down the analog circuitry. For lowest power consumption, the ADC Activate bit must be set to ‘0.’
TABLE 33-2:
POWER SOURCES
Name
Description
VCC1
This power well sources the registers tn this block.
AVCC
This power well sources of the logic in this block, except where noted.
AVSS
This is the ground signal for the block.
TABLE 33-3:
CLOCK INPUTS
Name
Description
1.2MHz
This derived clock signal drives selected logic (1.2 MHz clock with a 50%
duty cycle).
TABLE 33-4:
RESET SIGNALS
Name
Description
VCC1_RESET
This reset signal resets all of the registers and logic in this block.
TABLE 33-5:
EC INTERRUPTS
Source
Description
ADC_Single_Int
Interrupt signal from ADC controller to EC for Single-Sample ADC con-
version.
ADC_Repeat_Int
Interrupt signal from ADC controller to EC for Repeated ADC conversion.
Note:
The ADC VREF must be powered down in order to get the lowest deep sleep current. The ADC VREF
Power down bit, ADC_VREF_PD_REF is in the EC Subsystem Registers ADC VREF PD on page 381.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com