Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 367 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 367 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 363Page - Microchip Technology MEC1322 Datasheet HTML 364Page - Microchip Technology MEC1322 Datasheet HTML 365Page - Microchip Technology MEC1322 Datasheet HTML 366Page - Microchip Technology MEC1322 Datasheet HTML 367Page - Microchip Technology MEC1322 Datasheet HTML 368Page - Microchip Technology MEC1322 Datasheet HTML 369Page - Microchip Technology MEC1322 Datasheet HTML 370Page - Microchip Technology MEC1322 Datasheet HTML 371Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 367
MEC1322
32.11.2
DEBUG CONTROL REGISTER
Offset
04h
Bits
Description
Type
Default
Reset
Event
7 Reserved
R
-
-
6:4 IP_DELAY
Inter-packet Delay. The delay is in terms of TFDP Debug output
clocks. A value of 0 provides a 1 clock inter-packet period, while a
value of 7 provides 8 clocks between packets:
R/W
000b
VCC1_R
ESET
3:2 DIVSEL
Clock Divider Select. The TFDP Debug output clock is determined
by this field, according to Table 32-7, "TFDP Debug Clocking":
R/W
00b
VCC1_R
ESET
1 EDGE_SEL
1= Data is shifted out on the falling edge of the debug clock
0= Data is shifted out on the rising edge of the debug clock (Default)
R/W
0b
VCC1_R
ESET
0EN
Enable.
1=Clock enabled
0=Clock is disabled (Default)
R/W
0b
VCC1_R
ESET
TABLE 32-7:
TFDP DEBUG CLOCKING
divsel
TFDP Debug Clock
00
24 MHz
01
12 MHz
10
6 MHz
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com