Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 363 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 363 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 359Page - Microchip Technology MEC1322 Datasheet HTML 360Page - Microchip Technology MEC1322 Datasheet HTML 361Page - Microchip Technology MEC1322 Datasheet HTML 362Page - Microchip Technology MEC1322 Datasheet HTML 363Page - Microchip Technology MEC1322 Datasheet HTML 364Page - Microchip Technology MEC1322 Datasheet HTML 365Page - Microchip Technology MEC1322 Datasheet HTML 366Page - Microchip Technology MEC1322 Datasheet HTML 367Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 363
MEC1322
31.11.3
BC-LINK DATA REGISTER
31.11.4
BC-LINK CLOCK SELECT REGISTER
Offset
08h
Bits
Description
Type
Default
Reset
Event
31:8 Reserved
R
-
-
7:0 DATA
As described in Section 31.10.1, "BC-Link Master READ Operation"
and Section 31.10.2, "BC-Link Master WRITE Operation", this regis-
ter hold data used in a BC-Link transaction.
R/W
0h
VCC1_R
ESET
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
31:8 Reserved
R
-
-
7:0 DIVIDER
The BC Clock is set to the Master Clock divided by this field, or
48MHz/ (Divider +1). The clock divider bits can only can be changed
when the BC Bus is in soft RESET (when either the Reset bit is set
by software or when the BUSY bit is set by the interface).
Example settings for DIVIDER are shown in Table 31-9, "Example
Frequency Settings".
R/W
4h
VCC1_R
ESET
TABLE 31-9:
EXAMPLE FREQUENCY SETTINGS
Divider
Frequency
0
48MHz
1
24MHz
2
16MHz
3
12MHz
49.6MHz
15
2.18MHz
2A
1.12MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com