Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 362 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 362 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 358Page - Microchip Technology MEC1322 Datasheet HTML 359Page - Microchip Technology MEC1322 Datasheet HTML 360Page - Microchip Technology MEC1322 Datasheet HTML 361Page - Microchip Technology MEC1322 Datasheet HTML 362Page - Microchip Technology MEC1322 Datasheet HTML 363Page - Microchip Technology MEC1322 Datasheet HTML 364Page - Microchip Technology MEC1322 Datasheet HTML 365Page - Microchip Technology MEC1322 Datasheet HTML 366Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 362 / 456 page
background image
MEC1322
DS00001719D-page 362
 2014 - 2015 Microchip Technology Inc.
31.11.1
BC-LINK STATUS REGISTER
31.11.2
BC-LINK ADDRESS REGISTER
Offset
00h
Bits
Description
Type
Default
Reset
Event
31:4 Reserved
R
-
-
7 RESET
When this bit is ‘1’the BC_Link Master Interface will be placed in
reset and be held in reset until this bit is cleared to ‘0’. Setting
RESET to ‘1’ causes the BUSY bit to be set to ‘1’. The BUSY
remains set to ‘1’ until the reset operation of the BC Interface is com-
pleted, which takes approximately 48 BC clocks.
The de-assertion of the BUSY bit on reset will not generate an inter-
rupt, even if the BC_BUSY_CLR_INT_EN bit is ‘1’. The BUSY bit
must be polled in order to determine when the reset operation has
completed.
R/W
1h
VCC1_R
ESET
6BC_ERR
This bit indicates that a BC Bus Error has occurred. If an error
occurs this bit is set by hardware when the BUSY bit is cleared. This
bit is cleared when written with a ’1’. An interrupt is generated If this
bit is ‘1’ and BC_ERR_INT_EN bit is ‘1’.
Errors that cause this interrupt are:
• Bad Data received by the BASE (CRC Error)
• Time-out caused by the COMPANION not responding.
All COMPANION errors cause the COMPANION to abort the opera-
tion and the BASE to time-out.
R/WC
0h
VCC1_R
ESET
5 BC_ERR_INT_EN
This bit is an enable for generating an interrupt when the BC_ERR
bit is set by hardware. When this bit is ‘1’, the interrupt signal is
enabled. When this bit is ‘0’, the interrupt is disabled.
R/W
0b
VCC1_R
ESET
4 BC_BUSY_CLR_INT_EN
This bit is an enable for generating an interrupt when the BUSY bit in
this register is cleared by hardware. When this bit is set to ‘1’, the
interrupt signal is enabled. When the this bit is cleared to ‘0’, the inter-
rupt is disabled. When enabled, the interrupt occurs after a BC Bus
read or write.
R/W
0h
VCC1_R
ESET
3:1 Reserved
R
-
-
0BUSY
This bit is asserted to ‘1’ when the BC interface is transferring data
and on reset. Otherwise it is cleared to ‘0’. When this bit is cleared
by hardware, an interrupt is generated if the BC_BUSY_CL-
R_INT_EN bit is set to ‘1’.
R
1h
VCC1_R
ESET
Offset
04h
Bits
Description
Type
Default
Reset
Event
31:8 Reserved
R
-
-
7:0 ADDRESS
Address in the Companion for the BC-Link transaction.
R/W
0h
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com