Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 365 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 365 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 361Page - Microchip Technology MEC1322 Datasheet HTML 362Page - Microchip Technology MEC1322 Datasheet HTML 363Page - Microchip Technology MEC1322 Datasheet HTML 364Page - Microchip Technology MEC1322 Datasheet HTML 365Page - Microchip Technology MEC1322 Datasheet HTML 366Page - Microchip Technology MEC1322 Datasheet HTML 367Page - Microchip Technology MEC1322 Datasheet HTML 368Page - Microchip Technology MEC1322 Datasheet HTML 369Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 365
MEC1322
32.7
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
32.7.1
POWER DOMAINS
32.7.2
CLOCK INPUTS
32.7.3
RESETS
32.8
Interrupts
There are no interrupts generated from this block.
32.9
Low Power Modes
The Trace FIFO Debug Port (TFDP) may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR)
circuitry.
32.10 Description
The TFDP is a unidirectional (from processor to external world) two-wire serial, byte-oriented debug interface for use
by processor firmware to transmit diagnostic information.
The TFDP consists of the Debug Data Register, Debug Control Register, a Parallel-to-Serial Converter, a Clock/Control
Interface and a two-pin external interface (TFDP Clk, TFDP Data).
FIGURE 32-2:
BLOCK DIAGRAM OF TFDP DEBUG PORT
TABLE 32-2:
POWER SOURCES
Name
Description
VCC1
This power well sources all of the registers and logic in this block.
TABLE 32-3:
CLOCK INPUTS
Name
Description
48 MHz Ring Oscillator
This clock input is used to derive the TFDP Clk.
TABLE 32-4:
RESET SIGNALS
Name
Description
VCC1_RESET
This reset signal resets all of the registers and logic in this block.
Data
Register
PARALLEL-TO-SERIAL
CONVERTER
CLOCK/CONTROL
INTERFACE
WRITE_COMPLETE
TFDP_DAT
TFDP_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com