Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 364 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 364 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 360Page - Microchip Technology MEC1322 Datasheet HTML 361Page - Microchip Technology MEC1322 Datasheet HTML 362Page - Microchip Technology MEC1322 Datasheet HTML 363Page - Microchip Technology MEC1322 Datasheet HTML 364Page - Microchip Technology MEC1322 Datasheet HTML 365Page - Microchip Technology MEC1322 Datasheet HTML 366Page - Microchip Technology MEC1322 Datasheet HTML 367Page - Microchip Technology MEC1322 Datasheet HTML 368Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 364 / 456 page
background image
MEC1322
DS00001719D-page 364
 2014 - 2015 Microchip Technology Inc.
32.0 TRACE FIFO DEBUG PORT (TFDP)
32.1
Introduction
The TFDP serially transmits Embedded Controller (EC)-originated diagnostic vectors to an external debug trace system.
32.2
References
No references have been cited for this chapter.
32.3
Terminology
There is no terminology defined for this chapter.
32.4
Interface
This block is designed to be accessed externally via the pin interface and internally via a registered host interface.
32.5
Signal Description
The Signal Description Table lists the signals that are typically routed to the pin interface.
32.6
Host Interface
The registers defined for the Trace FIFO Debug Port (TFDP) are accessible by the various hosts as indicated in Section
32.11, "EC-Only Registers".
FIGURE 32-1:
I/O DIAGRAM OF BLOCK
TABLE 32-1:
SIGNAL DESCRIPTION TABLE
Name
Direction
Description
TFDP Clk
Output
Derived from EC Bus Clock.
TFDP Data
Output
Serialized data shifted out by TFDP Clk.
Signal Description
Trace FIFO Debug Port
(TFDP)
Interrupts
Power, Clocks and Reset
Host Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com