Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 360 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 360 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 356Page - Microchip Technology MEC1322 Datasheet HTML 357Page - Microchip Technology MEC1322 Datasheet HTML 358Page - Microchip Technology MEC1322 Datasheet HTML 359Page - Microchip Technology MEC1322 Datasheet HTML 360Page - Microchip Technology MEC1322 Datasheet HTML 361Page - Microchip Technology MEC1322 Datasheet HTML 362Page - Microchip Technology MEC1322 Datasheet HTML 363Page - Microchip Technology MEC1322 Datasheet HTML 364Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 456 page
background image
MEC1322
DS00001719D-page 360
 2014 - 2015 Microchip Technology Inc.
31.9
Low Power Modes
The BC-Link Master Interface automatically enters a low power mode whenever it is not active (that is, whenever the
BUSY bit in the BC-Link Status Register is ‘0’). When the interface is in a low-power mode it will not prevent the chip
from entering a sleep state. When the interface is active it will inhibit the chip sleep state until the interface has re-
entered its low power mode.
31.10 Description
31.10.1
BC-LINK MASTER READ OPERATION
The BC-Link Read protocol requires two reads of the BC-Link Data Register. The two reads drive a two state-state
machine: the two states are Read#1 and Read#2. The Read#1 of the Data Register starts the read protocol on the BC-
Link pins and sets the BUSY bit in the BC-Link Status Register. The contents of the data read during Read#1 by the EC
is stale and is not to be used. After the BUSY bit in the BC-Link Status Register autonomously clears to ‘0’, the Read#2
of the Data Register transfers the data read from the peripheral/BC-Link companion chip to the EC.
1.
Software starts by checking the status of the BUSY bit in the Status Register. If the BUSY bit is ‘0’, proceed. If
BUSY is ‘1’, firmware must wait until it is ‘0’.
2.
Software writes the address of the register to be read into the BC-Link Address Register.
3.
Software then reads the Data Register. This read returns random data. The read activates the BC-Link Master
state machine to transmit the read request packet to the BC-Link companion. When the transfer initiates, the
hardware sets the BUSY bit to a ‘1’.
4.
The BC-Link Companion reads the selected register and transmits the read response packet to the BC-Link Mas-
ter. The Companion will ignore the read request if there is a CRC error; this will cause the Master state machine
to time-out and issue a BC_ERR Interrupt.
FIGURE 31-2:
BC-LINK MASTER BLOCK DIAGRAM
BC Bus Master IP
BCM_CLK
BCM_DAT
BCM_INT#
BC Status / Control
Register
BC Data
Register
BC Address
Register
External Pin interface
EC IF
Registers
Clock
Divider
Bits
BC_BUSY_CLR
BC_ERR
Clock
Generator
MCLK/2
MCLK/4
MCLK/8
∗
∗
∗
MCLK/
63
MCLK=48MHz Ring Oscillator
∗
∗
∗
MCLK/
Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com