Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEC1322 Datasheet(PDF) 359 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 359 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 355Page - Microchip Technology MEC1322 Datasheet HTML 356Page - Microchip Technology MEC1322 Datasheet HTML 357Page - Microchip Technology MEC1322 Datasheet HTML 358Page - Microchip Technology MEC1322 Datasheet HTML 359Page - Microchip Technology MEC1322 Datasheet HTML 360Page - Microchip Technology MEC1322 Datasheet HTML 361Page - Microchip Technology MEC1322 Datasheet HTML 362Page - Microchip Technology MEC1322 Datasheet HTML 363Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 359
MEC1322
The maximum speed at which the BC-Link Master Interface can operate reliably depends on the drive strength of the
BC-Link BCM_CLK and BCM_DAT pins, as well as the nature of the connection to the Companion device (over ribbon
cable or on a PC board). The following table shows the recommended maximum speeds over a PC board as well as a
12 inch ribbon cable for selected drive strengths. The frequency is set with the BC-Link Clock Select Register.
31.6
Host Interface
The registers defined for the BC-Link Master Interface are accessible by the various hosts as indicated in Section 31.11,
"EC-Only Registers".
31.7
Power, Clocks and Reset
31.7.1
POWER DOMAINS
31.7.2
CLOCK INPUTS
31.7.3
RESETS
31.8
Interrupts
This section defines the Interrupt Sources generated from this block.
TABLE 31-2:
BC-LINK MASTER PIN DRIVE STRENGTH VS. FREQUENCY
Pin Drive
Strength
Max Freq
on PC Board
Min Value in
BC-Link Clock Select
Register
Max Freq
over Ribbon cable
Min Value in
BC-Link
Clock Select Register
16mA
24Mhz
1
16Mhz
2
TABLE 31-3:
POWER SOURCES
Name
Description
VCC1
The logic and registers implemented in this block are powered by this
power well.
TABLE 31-4:
CLOCK INPUTS
Name
Description
48 MHz Ring Oscillator
This is the clock source for Keyboard Scan Interface logic.
TABLE 31-5:
RESET SIGNALS
Name
Description
VCC1_RESET
This signal resets all the registers and logic in this block to their default
state.
TABLE 31-6:
EC INTERRUPTS
Source
Description
BCM_INT Busy
Interrupt request to the Interrupt Aggregator, generated from the status
event BUSYdefined in the BC-Link Status Register.
BCM_INT Err
Interrupt request to the Interrupt Aggregator, generated from the status
event defined in the BC-Link Status Register.
BC_INT_N_WK
Wake-up request to the Interrupt Aggregator’s wake-up interface for BC-
Link Master port.
In order to enable BC-Link wakeup interrupts, the pin control registers for
the BC_INT# pin must be programmed to Input, Falling Edge Triggered,
non-inverted polarity detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com